Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STX790A Datasheet(PDF) 5 Page - STMicroelectronics

Part # STX790A
Description  Medium Current, High Performance, Low Voltage PNP Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STX790A Datasheet(HTML) 5 Page - STMicroelectronics

  STX790A_06 Datasheet HTML 1Page - STMicroelectronics STX790A_06 Datasheet HTML 2Page - STMicroelectronics STX790A_06 Datasheet HTML 3Page - STMicroelectronics STX790A_06 Datasheet HTML 4Page - STMicroelectronics STX790A_06 Datasheet HTML 5Page - STMicroelectronics STX790A_06 Datasheet HTML 6Page - STMicroelectronics STX790A_06 Datasheet HTML 7Page - STMicroelectronics STX790A_06 Datasheet HTML 8Page - STMicroelectronics STX790A_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STX790A
Electrical characteristics
5/11
Note (2) Pulsed duration = 300
µs, duty cycle ≤1.5%
2.1
Electrical characteristics (curves)
ft
Transition frequency
IC = -50mA
VCE = -5V
f = 50MHz
100
MHz
td
tr
ts
tf
Resistive load
Delay time
Rise time
Storage time
Fall time
IC = -3A
VCC = -20V
IB1 = -IB2 = -60mA
(see figure 7)
180
160
250
80
220
210
300
100
ns
ns
ns
ns
Table 3.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Figure 1.
DC current gain
Figure 2.
DC current gain
Figure 3.
Collector-emitter saturation
voltage
Figure 4.
Base-emitter saturation
voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com