Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR731FVX Datasheet(PDF) 16 Page - STMicroelectronics

Part # STR731FVX
Description  ARM7TDMI 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR731FVX Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STR731FVX Datasheet HTML 12Page - STMicroelectronics STR731FVX Datasheet HTML 13Page - STMicroelectronics STR731FVX Datasheet HTML 14Page - STMicroelectronics STR731FVX Datasheet HTML 15Page - STMicroelectronics STR731FVX Datasheet HTML 16Page - STMicroelectronics STR731FVX Datasheet HTML 17Page - STMicroelectronics STR731FVX Datasheet HTML 18Page - STMicroelectronics STR731FVX Datasheet HTML 19Page - STMicroelectronics STR731FVX Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
Block Diagram
STR73xF
16/53
44
M3
P2.5/PWM3
I/O
TT
2mA
X X Port 2.5 PWM3: PWM output
45
K4
P2.6/PWM4
I/O
TT
2mA
X X Port 2.6 PWM4: PWM output
46
J4
P2.7/PWM5
I/O
TT
2mA
X X Port 2.7 PWM5: PWM output
47
M5
33 M0
I
TT pd
BOOT: Mode selection 0 input
48
L5
34 RSTIN
I
CT pu
Reset input
49
K5
35 M1
I
TT pd
BOOT: Mode selection 1 input
50
J5
36 VDD
S
Supply voltage (5V)
51
M6
37 VSS
S
Ground
52
M7
38 XTAL1
I
Oscillator amplifier circuit input and
internal clock generator input.
53
H5
39 XTAL2
O
Oscillator amplifier circuit output.
54
L6
40 VSS
S
Ground
55
K6
41
P2.8/TDO1/CA
N2RX
I/O
TT
2mA
X X Port 2.8
UART1:
Transmit Data
output
CAN2: Receive
Data input
(TQFP100
only)
56
J6
42
P2.9/RDI1/CAN
2TX
I/O
TT
WUP14 2mA
X X Port 2.9
UART1:
Receive Data
input
CAN2:
Transmit Data
output
(TQFP100
only)
57
H6
P2.10
I/O
TT
WUP16 2mA
X X
Port
2.10
58
G6
P2.11
I/O
TT
WUP17 2mA
X X
Port
2.11
59
L7
P2.12
I/O
TT
INT14
2mA
X X
Port
2.12
60
K7
P2.13
I/O
TT
INT15
2mA
X X
Port
2.13
61
J7
43 P2.14/SCL0
I/O
TT
WUP15 2mA
X X
Port
2.14
I2C0:Serial Clock
62
H7
44 P2.15/SDA0
I/O
TT
2mA
X X
Port
2.15
I2C0:Serial Data
63
M8
45 Test
I
pd
Reserved pin. Must be tied to ground
Table 3.
STR73xF pin description
Pin n°
Pin Name
Input
Output
Main
functio
n
(after
reset)
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com