Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5101 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS5101
Description  Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5101 Datasheet(HTML) 4 Page - ON Semiconductor

  CS5101 Datasheet HTML 1Page - ON Semiconductor CS5101 Datasheet HTML 2Page - ON Semiconductor CS5101 Datasheet HTML 3Page - ON Semiconductor CS5101 Datasheet HTML 4Page - ON Semiconductor CS5101 Datasheet HTML 5Page - ON Semiconductor CS5101 Datasheet HTML 6Page - ON Semiconductor CS5101 Datasheet HTML 7Page - ON Semiconductor CS5101 Datasheet HTML 8Page - ON Semiconductor CS5101 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CS5101
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (−40°C ≤ TA ≤ 85°C, −40°C ≤ TJ ≤ 150°C, 10 V < VCC < 45 V, 8.0 V < VC < 75 V;
unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Output Stage
VG, High
VSYNC = 5.0 V, IVG = 200 mA, VC − VG
−
1.6
2.5
V
VG, Low
VSYNC = 0 V, IVG = 200 mA
−
0.9
1.5
V
VG Rise Time
Switch VSYNC High, CG = 1.0 nF, VCC = 15 V,
measure 2.0 V to 8.0 V
−
30
75
ns
VG Fall Time
Switch VSYNC Low, CG = 1.0 nF, VCC = 15 V,
measure 8.0 V to 2.0 V
−
40
100
ns
VG Resistance to GND
Remove supplies, VG = 10 V
−
50
100
kW
VD Resistance to GND
Remove supplies, VD = 10 V
500
1500
−
W
General
ICC, Operating
VSYNC = 5.0 V
−
12
18
mA
ICC in UVL
VCC = 6.0 V
−
300
500
mA
ICC in Sleep Mode High
VRAMP = 0 V, VCC = 45 V
−
80
200
mA
ICC in Sleep Mode Low
VRAMP = 0 V, VCC = 10 V
−
20
50
mA
IC, Operating High
VSYNC = 5.0 V, VFB = VIS− = 0 V, VC = 75 V
−
4.0
8.0
mA
IC, Operating Low
VSYNC = 5.0 V, VFB = VIS− = 0 V, VC = 8.0 V
−
3.0
6.0
mA
UVLO Start Voltage
−
7.4
8.0
9.2
V
UVLO Stop Voltage
−
6.4
7.0
8.3
V
UVLO Hysteresis
−
0.8
1.0
1.2
V
Leading Edge, tDELAY
VSYNC = 2.5 V to VG = 8.0 V
−
280
−
ns
Trailing Edge, tDELAY
VSYNC = 2.5 V to VG = 2.0 V
−
750
−
ns
PACKAGE PIN DESCRIPTION
PACKAGE LEAD #
LEAD SYMBOL
FUNCTION
PDIP−14
SO−16WB
1
1
SYNC
Synchronization input.
2
2
VCC
Logic supply (10 V to 45 V).
3
3
VREF
5.0 V voltage reference.
4
−
LGND
Logic level ground (analog and digital ground tied).
5
6
VFB
Error amplifier inverting input.
6
7
COMP
Error amplifier output and compensation.
7
8
RAMP
RAMP programmable with the external capacitor.
8
9
IS+
Current sense amplifier non−inverting input.
9
10
IS−
Current sense amplifier inverting input.
10
11
IS COMP
Current sense amplifier compensation and output.
11
12, 13
PGND
Power ground.
12
14
VG
External power switch gate drive.
13
15
VC
Output power stage supply voltage (8.0 V to 75 V).
14
16
VD
External FET DRAIN voltage monitor.
−
5
AGND
Analog ground.
−
4
DGND
Digital ground.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com