Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5112 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS5112
Description  1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5112 Datasheet(HTML) 2 Page - ON Semiconductor

  CS5112 Datasheet HTML 1Page - ON Semiconductor CS5112 Datasheet HTML 2Page - ON Semiconductor CS5112 Datasheet HTML 3Page - ON Semiconductor CS5112 Datasheet HTML 4Page - ON Semiconductor CS5112 Datasheet HTML 5Page - ON Semiconductor CS5112 Datasheet HTML 6Page - ON Semiconductor CS5112 Datasheet HTML 7Page - ON Semiconductor CS5112 Datasheet HTML 8Page - ON Semiconductor CS5112 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CS5112
http://onsemi.com
2
Figure 1. Block Diagram
VFB1
VFB2
SELECT
COMP
IBIAS
COSC
VREG
CDELAY
WDI
Multiplexer
Oscillator
Bandgap
Reference
Switcher Error Amplifier
COMP
Logic
−
+
+
−
Base
Drive
Current Sense Amplifier
+
−
Linear
Error Amplifier
+
−
1.4 A
VIN
VSW
GND
ENABLE
VLIN
RESET
Switcher Shutdown
Current
Limit
Over
Temperature
1.25 V
RESET &
Watchdog Timer
MAXIMUM RATINGS
Rating
Value
Unit
Logic Inputs/Outputs (ENABLE, SELECT, WDI, RESET)
−0.3 to VLIN
V
VLIN
−0.3 to 10
VIN, VREG:
DC Input Voltage
Peak Transient Voltage (26 V Load Dump @ 14 V VIN)
−0.3 to 26
−0.3 to 40
V
V
VSW Peak Transient Voltage
54
V
COSC, CDelay, COMP, VFB1, VFB2
−0.3 to VLIM
V
Power Dissipation
Internally Limited
−
VLIN Output Current
Internally Limited
−
VSW Output Current
Internally Limited
−
RESET Output Sink Current
5.0
mA
ESD Susceptibility (Human Body Model)
2.0
kV
ESD Susceptibility (Machine Model)
200
V
Storage Temperature
−65 to 150
°C
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
230 peak
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. 60 second maximum above 183
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com