Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5155 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS5155
Description  CPU 5?묪it Synchronous Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5155 Datasheet(HTML) 1 Page - ON Semiconductor

  CS5155 Datasheet HTML 1Page - ON Semiconductor CS5155 Datasheet HTML 2Page - ON Semiconductor CS5155 Datasheet HTML 3Page - ON Semiconductor CS5155 Datasheet HTML 4Page - ON Semiconductor CS5155 Datasheet HTML 5Page - ON Semiconductor CS5155 Datasheet HTML 6Page - ON Semiconductor CS5155 Datasheet HTML 7Page - ON Semiconductor CS5155 Datasheet HTML 8Page - ON Semiconductor CS5155 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 4
1
Publication Order Number:
CS5155/D
CS5155
CPU 5−Bit Synchronous
Buck Controller
The CS5155 is a 5−bit synchronous dual N−Channel buck
controller. It is designed to provide unprecedented transient response
for today’s demanding high−density, high−speed logic. The regulator
operates using a proprietary control method, which allows a 100 ns
response time to load transients. The CS5155 is designed to operate
over a 4.25−14 V range (VCC) using 12 V to power the IC and 5.0 V as
the main supply for conversion.
The CS5155 is specifically designed to power Pentium® II
processors and other high performance core logic. It includes the
following features: on board, 5−bit DAC, short circuit protection,
1.0% output tolerance, VCC monitor, and programmable Soft Start
capability. The CS5155 is backwards compatible with the 4−bit
CS5150, allowing the mother board designer the capability of using
either the CS5150 or the CS5155 with no change in layout. The
CS5155 is available in 16 pin surface mount and DIP packages.
Features
• Dual N−Channel Design
• Excess of 1.0 MHz Operation
• 100 ns Transient Response
• 5−Bit DAC
• Backward Compatible with 4−Bit CS5150/CS5151
• 30 ns Gate Rise/Fall Times
• 1.0% DAC Accuracy
• 5.0 V & 12 V Operation
• Remote Sense
• Programmable Soft Start
• Lossless Short Circuit Protection
• VCC Monitor
• 25 ns FET Nonoverlap Time
• Adaptive Voltage Positioning
• V2™ Control Topology
• Current Sharing
• Overvoltage Protection
CS5155GDR16
http://onsemi.com
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
Device
Package
Shipping
ORDERING INFORMATION
CS5155GD16
SO−16
48 Units/Rail
SO−16
2500 Tape & Reel
SOIC−16
D SUFFIX
CASE 751B
1
16
DIP−16
N SUFFIX
CASE 648
16
1
CS5155
AWLYYWW
PIN CONNECTIONS
VCC1
VID3
LGND
VID2
COMP
VID1
VFB
VID0
1
VCC2
VFFB
VGATE(H)
COFF
PGND
VID4
VGATE(L)
SS
1
CS5155
AWLYWW
16
MARKING
DIAGRAMS
1
16
CS5155GN16
DIP−16
25 Units/Rail


Similar Part No. - CS5155

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5155 CHERRY-CS5155 Datasheet
279Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 1/22/99
CS5155GD16 CHERRY-CS5155GD16 Datasheet
279Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 1/22/99
CS5155GDR16 CHERRY-CS5155GDR16 Datasheet
279Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 1/22/99
CS5155GN16 CHERRY-CS5155GN16 Datasheet
279Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 1/22/99
CS5155H CHERRY-CS5155H Datasheet
238Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 1/21/99
More results

Similar Description - CS5155

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5159 ONSEMI-CS5159 Datasheet
607Kb / 16P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 5
CS5160 ONSEMI-CS5160 Datasheet
584Kb / 18P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 6
CS5161 ONSEMI-CS5161 Datasheet
589Kb / 18P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 12
CS5165A ONSEMI-CS5165A Datasheet
497Kb / 18P
5?묪it Synchronous CPU Buck Controller
October, 2005 ??Rev. 1
CS5155H ONSEMI-CS5155H Datasheet
623Kb / 17P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 3
CS5157 ONSEMI-CS5157 Datasheet
603Kb / 16P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 7
CS5157H ONSEMI-CS5157H Datasheet
432Kb / 16P
CPU 5?묪it Synchronous Buck Controller
October, 2005 ??Rev. 7
CS5158 ONSEMI-CS5158 Datasheet
607Kb / 16P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 6
CS5165 ONSEMI-CS5165 Datasheet
718Kb / 21P
5?묪it Synchronous CPU Buck Controller
July, 2006 ??Rev. 4
CS5165H ONSEMI-CS5165H Datasheet
722Kb / 21P
5?묪it Synchronous CPU Buck Controller
July, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com