Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR730FZ1H7 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STR730FZ1H7
Description  ARM7TDMI 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR730FZ1H7 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STR730FZ1H7 Datasheet HTML 35Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 36Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 37Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 38Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 39Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 40Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 41Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 42Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
STR73xF
Electrical parameters
39/53
3.3.5
I/O port pin characteristics
General Characteristics
Subject to general operating conditions for VDD and TA unless otherwise specified.
Notes:
1.
Data based on characterization results, not tested in production.
2.
When the current limitation is not possible, the VIN absolute maximum rating must be respected, otherwise
refer to IINJ(PIN) specification. A positive injection is induced by VIN>V33 while a negative injection is
induced by VIN<VSS. Refer to Section 3.2 on page 23 for more details.
3.
Leakage could be higher than max. if negative current is injected on adjacent pins.
4.
Configuration not recommended, all unused pins must be kept at a fixed voltage: using the output mode of
the I/O for example or an external pull-up or pull-down resistor. Data based on design simulation and/or
technology characteristics, not tested in production.
6.
The RPU pull-up and RPD pull-down equivalent resistor are based on a resistive transistor (corresponding
IPU and IPD current characteristics described in Figure 19).
Table 21.
I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage 1)
TTL ports
0.8
V
VIH
Input high level voltage 1)
2.0
IINJ(PIN) Injected Current on any I/O pin
±10
mA
ΣIINJ(PIN)
2)
Total injected current (sum of all
I/O and control pins)
±75
mA
Ilkg
Input leakage current 3)
VSSVINVDD
±1
µA
IS
Static current consumption 4)
Floating input
mode
200
µA
RPU
Weak pull-up equivalent
resistor5)
VIN=VSS
55
120
220
k
RPD
Weak pull-down equivalent
resistor5)
VIN=VDD
55
120
220
k
CIO
I/O pin capacitance
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com