Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5156 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS5156
Description  CPU 5?묪it Nonsynchronous Buck Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5156 Datasheet(HTML) 4 Page - ON Semiconductor

  CS5156 Datasheet HTML 1Page - ON Semiconductor CS5156 Datasheet HTML 2Page - ON Semiconductor CS5156 Datasheet HTML 3Page - ON Semiconductor CS5156 Datasheet HTML 4Page - ON Semiconductor CS5156 Datasheet HTML 5Page - ON Semiconductor CS5156 Datasheet HTML 6Page - ON Semiconductor CS5156 Datasheet HTML 7Page - ON Semiconductor CS5156 Datasheet HTML 8Page - ON Semiconductor CS5156 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
CS5156
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued) (0°C < TA < +70°C; 0°C < TJ < +85°C; 8.0 V < VCC1 < 14 V; 5.0 V < VCC2 < 14 V;
DAC Code: VID4 = VID2 = VID1 = VID0 = 1; VID3 = 0; CVGATE = 1.0 nF; COFF = 330 pF; CSS = 0.1 μF, unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
DAC
Input Threshold
VID0, VID1, VID2, VID3, VID4
1.00
1.25
2.40
V
Input Pull Up Resistance
VID0, VID1, VID2, VID3, VID4
25
50
100
kΩ
Pull Up Voltage
−
4.85
5.00
5.15
V
Accuracy
Measure VFB = COMP, 25°C ≤ TJ ≤ 85°C
−
−
1.0
%
VID4
VID3
VID2 VID1 VID0
0
1
1
1
1
−
1.3266
1.3400
1.3534
V
0
1
1
1
0
−
1.3761
1.3900
1.4039
V
0
1
1
0
1
−
1.4256
1.4400
1.4544
V
0
1
1
0
0
−
1.4751
1.4900
1.5049
V
0
1
0
1
1
−
1.5246
1.5400
1.5554
V
0
1
0
1
0
−
1.5741
1.5900
1.6059
V
0
1
0
0
1
−
1.6236
1.6400
1.6564
V
0
1
0
0
0
−
1.6731
1.6900
1.7069
V
0
0
1
1
1
−
1.7226
1.7400
1.7574
V
0
0
1
1
0
−
1.7721
1.7900
1.8079
V
0
0
1
0
1
−
1.8216
1.8400
1.8584
V
0
0
1
0
0
−
1.8711
1.8900
1.9089
V
0
0
0
1
1
−
1.9206
1.9400
1.9594
V
0
0
0
1
0
−
1.9701
1.9900
2.0099
V
0
0
0
0
1
−
2.0196
2.0400
2.0604
V
0
0
0
0
0
−
2.0691
2.0900
2.1109
V
1
1
1
1
1
−
1.2315
1.2440
1.2564
V
1
1
1
1
0
−
2.1186
2.1400
2.1614
V
1
1
1
0
1
−
2.2176
2.2400
2.2624
V
1
1
1
0
0
−
2.3166
2.3400
2.3634
V
1
1
0
1
1
−
2.4156
2.4400
2.4644
V
1
1
0
1
0
−
2.5146
2.5400
2.5654
V
1
1
0
0
1
−
2.6136
2.6400
2.6664
V
1
1
0
0
0
−
2.7126
2.7400
2.7674
V
1
0
1
1
1
−
2.8116
2.8400
2.8684
V
1
0
1
1
0
−
2.9106
2.9400
2.9694
V
1
0
1
0
1
−
3.0096
3.0400
3.0704
V
1
0
1
0
0
−
3.1086
3.1400
3.1714
V
1
0
0
1
1
−
3.2076
3.2400
3.2724
V
1
0
0
1
0
−
3.3066
3.3400
3.3734
V
1
0
0
0
1
−
3.4056
3.4400
3.4744
V
1
0
0
0
0
−
3.5046
3.5400
3.5754
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com