Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR735FZ1H7 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STR735FZ1H7
Description  ARM7TDMI 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR735FZ1H7 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STR735FZ1H7 Datasheet HTML 15Page - STMicroelectronics STR735FZ1H7 Datasheet HTML 16Page - STMicroelectronics STR735FZ1H7 Datasheet HTML 17Page - STMicroelectronics STR735FZ1H7 Datasheet HTML 18Page - STMicroelectronics STR735FZ1H7 Datasheet HTML 19Page - STMicroelectronics STR735FZ1H7 Datasheet HTML 20Page - STMicroelectronics STR735FZ1H7 Datasheet HTML 21Page - STMicroelectronics STR735FZ1H7 Datasheet HTML 22Page - STMicroelectronics STR735FZ1H7 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
STR73xF
Block Diagram
19/53
110 B10
77 P5.0/MOSI1
I/O
TT
2mA
X X Port 5.0
BSPI1: Master Output/Slave
input
111 C10 78 P5.1/MISO1
I/O
TT
2mA
X X Port 5.1
BSPI1: Master input/Slave
output
112
A9
P5.2/OCMPA9
I/O
TT
2mA
X X Port 5.2 TIM9: Output Compare A output
113
B9
P5.3/OCMPB9
I/O
TT
2mA
X X Port 5.3 TIM9: Output Compare B output
114
C9
79
P5.4/SS2/PWM
3
I/O
TT
2mA
X X Port 5.4
BSPI2: Slave
Select
PWM3: PWM
output
(TQFP100
only)
115
D9
80 P5.5/SCK2
I/O
TT
WUP23 2mA
X X Port 5.5 BSPI2: Serial Clock
116 A11
81 P5.6/MOSI2
I/O
TT
2mA
X X Port 5.6
BSPI2: Master Output/Slave
input
117 A10
82 P5.7/MISO2
I/O
TT
2mA
X X Port 5.7
BSPI2: Master input/Slave
output
118
A8
83 P5.8/PWM4
I/O
TT
INT6
2mA
X X Port 5.8
PWM4: PWM output (TQFP100
only)
119
B8
84 P5.9/PWM5
I/O
TT
INT7
2mA
X X Port 5.9
PWM5: PWM output (TQFP100
only)
120
C8
85 P5.10/RDI2
I/O
TT
INT8
2mA
X X
Port
5.10
UART2: Receive Data input
121 A12
86 P5.11/TDO2
I/O
TT
INT9
2mA
X X
Port
5.11
UART2: Transmit Data output
122
D8
87 P5.12
I/O
TT
INT10
2mA
X X
Port
5.12
123
E8
P5.13
I/O
TT
INT11
2mA
X X
Port
5.13
124
B7
P5.14
I/O
TT
INT12
2mA
X X
Port
5.14
125
A7
P5.15
I/O
TT
INT13
2mA
X X
Port
5.15
126
A6
88 V18
S
1.8V decoupling pin: a
decoupling capacitor
(recommended value: 100nF)
must be connected between this
pin and nearest VSS pin.
127
C7
89 VSS
S
Ground
128
D7
90 VDD
S
Supply voltage (5V)
Table 3.
STR73xF pin description
Pin n°
Pin Name
Input
Output
Main
functio
n
(after
reset)
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com