Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR731FV0T7 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STR731FV0T7
Description  ARM7TDMI 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR731FV0T7 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STR731FV0T7 Datasheet HTML 14Page - STMicroelectronics STR731FV0T7 Datasheet HTML 15Page - STMicroelectronics STR731FV0T7 Datasheet HTML 16Page - STMicroelectronics STR731FV0T7 Datasheet HTML 17Page - STMicroelectronics STR731FV0T7 Datasheet HTML 18Page - STMicroelectronics STR731FV0T7 Datasheet HTML 19Page - STMicroelectronics STR731FV0T7 Datasheet HTML 20Page - STMicroelectronics STR731FV0T7 Datasheet HTML 21Page - STMicroelectronics STR731FV0T7 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 53 page
background image
Block Diagram
STR73xF
18/53
86
H9
64 VSS
S
Ground
87
G12 65 JTRST
I
TT pu
JTAG Reset Input
88
F12
66 JTDI
I
TT pu
JTAG Data input
89
H8
67 JTMS
I
TT pu
JTAG Mode Selection Input
90
G11 68 JTCK
I
TT pd
JTAG Clock Input
91
G10 69 JTDO
O
4mA
JTAG data output.
Note: Reset state = HiZ
92
G9
70 VSS
S
Ground
93
G8
71 VDD
S
Supply voltage (5V)
94
G7
P4.0/ICAPA7
I/O
TT
WUP24 2mA
X X Port 4.0 TIM7: Input Capture A input
95
F11
P4.1/ICAPB7
I/O
TT
WUP25 2mA
X X Port 4.1 TIM7: Input Capture B input
96
F10
P4.2/ICAPA8
I/O
TT
WUP26 2mA
X X Port 4.2 TIM8: Input Capture A input
97
F9
P4.3/ICAPB8
I/O
TT
WUP27 2mA
X X Port 4.3 TIM8: Input Capture B input
98
F8
P4.4/CAN2TX
I/O
TT
2mA
X X Port 4.4 CAN2: Transmit Data output
99
E12
P4.5/CAN2RX
I/O
TT
WUP18 2mA
X X Port 4.5 CAN2: Receive Data input
100 E11
72 P4.6/SCL1
I/O
TT
WUP19 2mA
X X Port 4.6 I2C1:Serial Clock
101 C12 73 P4.7/SDA1
I/O
TT
2mA
X X Port 4.7 I2C1:Serial Data
102 B12
P4.8/OCMPA8
I/O
TT
2mA
X X Port 4.8 TIM8: Output Compare A output
103 E10
P4.9/ICAPB6
I/O
TT
2mA
X X Port 4.9 TIM6: Input Capture B input
104
E9
74
P4.10/ICAPA6/I
CAPB5
I/O
TT
WUP20 2mA
X X
Port
4.10
TIM6: Input
Capture A input
(144-pin pkg
only)
TIM5: Input
Capture B
input
(TQFP100
only)
105 D12
P4.11/OCMPB
8
I/O
TT
2mA
X X
Port
4.11
TIM8: Output Compare B output
106 D11
P4.12/ICAPA9
I/O
TT
WUP21 2mA
X X
Port
4.12
TIM9: Input Capture A input
107 D10
P4.13/ICAPB9
I/O
TT
2mA
X X
Port
4.13
TIM9: Input Capture B input
108 C11 75 P4.14/SS1
I/O
TT
2mA
X X
Port
4.14
BSPI1: Slave Select
109 B11
76 P4.15/SCK1
I/O
TT
WUP22 2mA
X X
Port
4.15
BSPI1: Serial Clock
Table 3.
STR73xF pin description
Pin n°
Pin Name
Input
Output
Main
functio
n
(after
reset)
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com