Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR731FV2T7 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STR731FV2T7
Description  ARM7TDMI 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR731FV2T7 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STR731FV2T7 Datasheet HTML 11Page - STMicroelectronics STR731FV2T7 Datasheet HTML 12Page - STMicroelectronics STR731FV2T7 Datasheet HTML 13Page - STMicroelectronics STR731FV2T7 Datasheet HTML 14Page - STMicroelectronics STR731FV2T7 Datasheet HTML 15Page - STMicroelectronics STR731FV2T7 Datasheet HTML 16Page - STMicroelectronics STR731FV2T7 Datasheet HTML 17Page - STMicroelectronics STR731FV2T7 Datasheet HTML 18Page - STMicroelectronics STR731FV2T7 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
STR73xF
Block Diagram
15/53
18
F2
11 P0.13/ICAPB3
I/O
TT
2mA
X X
Port
0.13
TIM3: Input Capture B input
19
F3
12
P0.14/OCMPB
3
I/O
TT
2mA
X X
Port
0.14
TIM3: Output Compare B output
20
F4
13 P0.15/OCMPA3 I/O
TT
2mA
X X
Port
0.15
TIM3: Output Compare A output
21
F5
14 P1.0/OCMPA4
I/O
TT
2mA
X X Port 1.0 TIM4: Output Compare A output
22
F6
15 P1.1/OCMPB4
I/O
TT
2mA
X X Port 1.1 TIM4: Output Compare B output
23
G2
16 P1.2/ICAPB4
I/O
TT
2mA
X X Port 1.2 TIM4: Input Capture B input
24
G3
17 P1.3/ICAPA4
I/O
TT
2mA
X X Port 1.3 TIM4: Input Capture A input
25
G4
VSS
S
Ground
26
H1
VDD
S
Supply voltage (5V)
27
J1
P1.4
I/O
TT
2mA
X X Port 1.4
28
G5
P1.5
I/O
TT
2mA
X X Port 1.5
29
K1
18 P1.6/OCMPB1
I/O
TT
2mA
X X Port 1.6 TIM1: Output Compare B output
30
L1
19 P1.7/OCMPA1
I/O
TT
2mA
X X Port 1.7 TIM1: Output Compare A output
31
H2
20 P1.8/OCMPA0
I/O
TT
INT0
2mA
X X Port 1.8 TIM0: Output Compare A output
32
H3
21 P1.9/OCMPB0
I/O
TT
INT1
2mA
X X Port 1.9 TIM0: Output Compare B output
33
H4
22 P1.10/ICAPB0
I/O
TT
WUP28 2mA
X X
Port
1.10
TIM0: Input Capture B input
34
J2
23 P1.11/ICAPA0
I/O
TT
WUP29 2mA
X X
Port
1.11
TIM0: Input Capture A input
35
J3
24 P1.12/ICAPA1
I/O
TT
WUP30 2mA
X X
Port
1.12
TIM1: Input Capture A input
36
K2
25 P1.13/ICAPB1
I/O
TT
WUP31 2mA
X X
Port
1.13
TIM1: Input Capture B input
37
M1
26 P1.14/CAN0RX I/O
TT
WUP12 2mA
X X
Port
1.14
CAN0: Receive Data input
38
L2
27 P1.15/CAN0TX
I/O
TT
2mA
X X
Port
1.15
CAN0: Transmit Data output
39
L3
28 P2.0/PWM0
I/O
TT
2mA
X X Port 2.0 PWM0: PWM output
40
K3
29 P2.1/CAN1RX
I/O
TT
WUP13 2mA
X X Port 2.1 CAN1: Receive Data input
41
M4
30 P2.2/CAN1TX
I/O
TT
2mA
X X Port 2.2 CAN1: Transmit Data output
42
L4
31 P2.3/PWM1
I/O
TT
2mA
X X Port 2.3 PWM1: PWM output
43
M2
32 P2.4/PWM2
I/O
TT
2mA
X X Port 2.4 PWM2: PWM output
Table 3.
STR73xF pin description
Pin n°
Pin Name
Input
Output
Main
functio
n
(after
reset)
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com