Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5201-1GDPR3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS5201-1GDPR3
Description  1.0 A Adjustable Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5201-1GDPR3 Datasheet(HTML) 1 Page - ON Semiconductor

  CS5201-1GDPR3 Datasheet HTML 1Page - ON Semiconductor CS5201-1GDPR3 Datasheet HTML 2Page - ON Semiconductor CS5201-1GDPR3 Datasheet HTML 3Page - ON Semiconductor CS5201-1GDPR3 Datasheet HTML 4Page - ON Semiconductor CS5201-1GDPR3 Datasheet HTML 5Page - ON Semiconductor CS5201-1GDPR3 Datasheet HTML 6Page - ON Semiconductor CS5201-1GDPR3 Datasheet HTML 7Page - ON Semiconductor CS5201-1GDPR3 Datasheet HTML 8Page - ON Semiconductor CS5201-1GDPR3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2006
September, 2006 − Rev. 8
1
Publication Order Number:
CS5201−1/D
CS5201−1
1.0 A Adjustable Linear
Regulator
The CS5201−1 linear regulator provides 1.0 A with an output
voltage accuracy of ±1.0 %. The device uses two external resistors to
set the output voltage within a 1.25 V to 5.5 V range.
This regulator is intended for use as a post regulator and
microprocessor supply. The fast loop response and low dropout
voltage make this regulator ideal for applications where low voltage
operation and good transient response are important.
The circuit is designed to operate with dropout voltages less than 1.2 V
at 1.0 A output current. Device protection includes overcurrent and
thermal shutdown.
The CS5201 is pin compatible with the LT1086 family of linear
regulators.
The regulator is available in TO−220, surface mount D2, and
SOT−223 packages.
Features
• Pb−Free Package is Available
• Output Current to 1.0 A
• Output Accuracy to ±1.0% Overtemperature
• Dropout Voltage (typical) 1.0 V @ 1.0 A
• Fast Transient Response
• Fault Protection
♦
Current Limit
♦
Thermal Shutdown
Figure 1. Applications Diagram
CS5201−1
VIN
VOUT
Adj
10 mF
5.0 V
5.0 V
0.1 mF
5.0 V Tant
124 W
1.0%
200 W
1.0%
3.3 V @ 1.0 A
22 mF
5.0 V
D2PAK−3
DP SUFFIX
CASE 418AB
SOT−223
ST SUFFIX
CASE 318E
TO−220−3
T SUFFIX
CASE 221A
1 2
3
1 2
3
Tab = VOUT
Pin
1. Ad
2. VO
3. VI
See general marking information in the device marking
section on page 7 of this data sheet.
DEVICE MARKING INFORMATION
12
3
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION


Similar Part No. - CS5201-1GDPR3

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5201-1GDPR3 CHERRY-CS5201-1GDPR3 Datasheet
171Kb / 7P
1A Adjustable Linear Regulator
Rev. 2/16/98
More results

Similar Description - CS5201-1GDPR3

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5201-1 CHERRY-CS5201-1 Datasheet
171Kb / 7P
1A Adjustable Linear Regulator
Rev. 2/16/98
CS52015-1 CHERRY-CS52015-1 Datasheet
173Kb / 7P
1.5A Adjustable Linear Regulator
Rev. 2/17/98
CS5203-1 CHERRY-CS5203-1 Datasheet
165Kb / 8P
3A Adjustable Linear Regulator
Rev. 9/17/97
logo
ON Semiconductor
CS5201-3 ONSEMI-CS5201-3 Datasheet
191Kb / 8P
1.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS5203-1 ONSEMI-CS5203-1 Datasheet
248Kb / 10P
3.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
CS52015-1 ONSEMI-CS52015-1 Datasheet
242Kb / 9P
1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
logo
Champion Microelectroni...
CM8566 CHAMP-CM8566 Datasheet
238Kb / 8P
2A ADJUSTABLE LINEAR REGULATOR
logo
Solid States Devices, I...
SVR003 SSDI-SVR003_15 Datasheet
103Kb / 3P
ADJUSTABLE LINEAR VOLTAGE REGULATOR
logo
ON Semiconductor
CS5205A-1 ONSEMI-CS5205A-1 Datasheet
219Kb / 8P
5.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5207-1 ONSEMI-CS5207-1 Datasheet
203Kb / 7P
7.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com