Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5201-3GDPR3 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS5201-3GDPR3
Description  1.0 A, 3.3 V Fixed Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5201-3GDPR3 Datasheet(HTML) 6 Page - ON Semiconductor

  CS5201-3GDPR3 Datasheet HTML 1Page - ON Semiconductor CS5201-3GDPR3 Datasheet HTML 2Page - ON Semiconductor CS5201-3GDPR3 Datasheet HTML 3Page - ON Semiconductor CS5201-3GDPR3 Datasheet HTML 4Page - ON Semiconductor CS5201-3GDPR3 Datasheet HTML 5Page - ON Semiconductor CS5201-3GDPR3 Datasheet HTML 6Page - ON Semiconductor CS5201-3GDPR3 Datasheet HTML 7Page - ON Semiconductor CS5201-3GDPR3 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CS5201−3
http://onsemi.com
6
ORDERING INFORMATION
Device
Type*
Package
Shipping†
CS5201−3GT3
1.0 A, 3.3 V Output
TO−220−3, STRAIGHT
50 Units / Rail
CS5201−3GDP3
1.0 A, 3.3 V Output
D2PAK−3
50 Units / Rail
CS5201−3GDPR3
1.0 A, 3.3 V Output
D2PAK−3
750 / Tape & Reel
CS5201−3GDPR3G
1.0 A, 3.3 V Output
D2PAK−3
(Pb−Free)
750 / Tape & Reel
CS5201−3GST3
1.0 A, 3.3 V Output
SOT−223
80 Units / Rail
CS5201−3GSTR3
1.0 A, 3.3 V Output
SOT−223
2500 / Tape & Reel
*Consult your local sales representative for other fixed output voltage versions.
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
MARKING DIAGRAMS
5201−3
AWLYWW
1
ALYW
201−3
1
5201−3
AWLYWW
1
D2PAK−3
DP SUFFIX
CASE 418AB
SOT−223
ST SUFFIX
CASE 318E
TO−220−3
T SUFFIX
CASE 221A
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
CS
CS
PACKAGE THERMAL DATA
Parameter
TO−220
THREE LEAD
D2PAK
3−PIN
SOT−223
Unit
RqJC
Typical
3.5
3.5
15
°C/W
RqJA
Typical
50
10−50*
156
°C/W
* Depending on thermal properties of substrate. RqJA = RqJC + RqCA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com