Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN7E010AJ Datasheet(PDF) 3 Page - STMicroelectronics

Part # VN7E010AJ
Description  High-side driver with CurrentSense analog feedback for automotive applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7E010AJ Datasheet(HTML) 3 Page - STMicroelectronics

  VN7E010AJ Datasheet HTML 1Page - STMicroelectronics VN7E010AJ Datasheet HTML 2Page - STMicroelectronics VN7E010AJ Datasheet HTML 3Page - STMicroelectronics VN7E010AJ Datasheet HTML 4Page - STMicroelectronics VN7E010AJ Datasheet HTML 5Page - STMicroelectronics VN7E010AJ Datasheet HTML 6Page - STMicroelectronics VN7E010AJ Datasheet HTML 7Page - STMicroelectronics VN7E010AJ Datasheet HTML 8Page - STMicroelectronics VN7E010AJ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
1
Block diagram and pin description
Figure 1. Block diagram
Control & Diagnostic
VCC
Current
Limitation
VCC –OUT
Clamp
Internal supply
OUTPUT
Current
Sense
GND
Undervoltage
shut-down
VCC –GND
Clamp
Fault
Short to VCC
Open-Load in OFF
Overtemperature
Power Limitation
T
VSENSEH
INPUT
SEn
CS
FaultRST
Gate Driver
Table 1. Pin functions
Name
Function
VCC
Battery connection.
OUTPUT Power output; all the pins must be connected together.
GND
Ground connection; must be reverse battery protected by an external diode / resistor network.
INPUT
Voltage controlled input pin with hysteresis, compatible with 3 V and 5 V CMOS outputs; controls output switch
state.
CS
Analog current sense output pin; delivers a current proportional to the selected load current.
SEn
Active high compatible with 3 V and 5 V CMOS outputs pin; enables the CS diagnostic pin.
FaultRST
Active low compatible with 3 V and 5 V CMOS outputs pin; it unlatches the output in case of fault - if kept low, sets
the output to auto-restart mode.
VN7E010AJ
Block diagram and pin description
DS11954 - Rev 5
page 3/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com