Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM70L02H Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SSM70L02H
Description  Low Gate Charge Simple Drive Requirement Fast Switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM70L02H Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SSM70L02H Datasheet HTML 1Page - Silicon Standard Corp. SSM70L02H Datasheet HTML 2Page - Silicon Standard Corp. SSM70L02H Datasheet HTML 3Page - Silicon Standard Corp. SSM70L02H Datasheet HTML 4Page - Silicon Standard Corp. SSM70L02H Datasheet HTML 5Page - Silicon Standard Corp. SSM70L02H Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.SiliconStandard.com
1 of 6
SSM70L02H,J
N-CHANNEL ENHANCEMENT MODE
POWER MOSFET
Low Gate Charge
BV DSS
25V
Simple Drive Requirement
R DS(ON)
9mΩ
Fast Switching
I D
66A
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TC=25℃
A
ID@TC=100℃
A
IDM
A
PD@TC=25℃
W
W/℃
TSTG
℃
TJ
℃
Symbol
Value
Unit
Rthj-case
Thermal Resistance Junction-case
Max.
1.9
℃/W
Rthj-amb
Thermal Resistance Junction-ambient
Max.
110
℃/W
Thermal Data
Parameter
Pulsed Drain Current
1
210
Operating Junction Temperature Range
-55 to 150
Linear Derating Factor
0.53
Storage Temperature Range
Total Power Dissipation
66
-55 to 150
Continuous Drain Current, VGS @ 10V
66
Continuous Drain Current, VGS @ 10V
42
Drain-Source Voltage
25
Gate-Source Voltage
Parameter
Rating
The SSM70L02H is in the TO-252 package, which is widely preferred for
commercial and industrial surface mount applications, and is well suited for
low-voltage applications such as DC/DC converters. The through-hole
version (SSM70L02J) is available for low-footprint applications.
± 20
G
D
S
TO-251(J)
G D
S
TO-252(H)
G
D
S
Rev.2.01 6/26/2003


Similar Part No. - SSM70L02H

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SSM7002DGU SSC-SSM7002DGU Datasheet
814Kb / 5P
Dual N-channel Enhancement-mode Power MOSFETs
logo
VBsemi Electronics Co.,...
SSM7002DGU VBSEMI-SSM7002DGU Datasheet
945Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
logo
Silicon Standard Corp.
SSM7002EGU SSC-SSM7002EGU Datasheet
797Kb / 5P
N-channel Enhancement-mode Power MOSFET
logo
VBsemi Electronics Co.,...
SSM7002EGU VBSEMI-SSM7002EGU Datasheet
1,014Kb / 8P
N-Channel 60-V (D-S) MOSFET
logo
Silicon Standard Corp.
SSM7002KGEN SSC-SSM7002KGEN Datasheet
500Kb / 5P
N-channel Enhancement-mode Power MOSFET
More results

Similar Description - SSM70L02H

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP60T03GH,J A-POWER-AP60T03GH,J Datasheet
104Kb / 4P
Simple Drive Requirement, Low Gate Charge
AP70T03AS A-POWER-AP70T03AS Datasheet
77Kb / 4P
Simple Drive Requirement, Low Gate Charge
AP85T03GS,P-HF A-POWER-AP85T03GS,P-HF Datasheet
105Kb / 4P
Low Gate Charge, Simple Drive Requirement
AP9435GP A-POWER-AP9435GP Datasheet
99Kb / 4P
Low Gate Charge, Simple Drive Requirement
AP9575AGI-HF A-POWER-AP9575AGI-HF Datasheet
100Kb / 4P
Lower Gate Charge, Simple Drive Requirement, Fast Switching Characteristic
AP9575GP-HF A-POWER-AP9575GP-HF Datasheet
103Kb / 4P
Lower Gate Charge, Simple Drive Requirement, Fast Switching Characteristic
AP9575GS-HF A-POWER-AP9575GS-HF Datasheet
103Kb / 4P
Lower Gate Charge, Simple Drive Requirement, Fast Switching Characteristic
AP2310GK-HF A-POWER-AP2310GK-HF Datasheet
60Kb / 4P
Simple Drive Requirement, Lower Gate Charge, Fast Switching Characteristic
AP4951GM A-POWER-AP4951GM Datasheet
188Kb / 5P
Simple Drive Requirement, Low Gate Charge
AP4951GM-HF A-POWER-AP4951GM-HF Datasheet
102Kb / 4P
Simple Drive Requirement, Low Gate Charge, Fast Switching Performance
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com