Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILI2511 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ILI2511
Description  Single Chip Capacitive Touch Sensor Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ILI2511 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ILI2511 Datasheet HTML 3Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 4Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 5Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 6Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 7Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 8Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 9Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 10Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Capacitive Touch Sensor Controller
ILI2511
Page 7 of 18
Version: 1.05
4.2 QFN-88 Pin Description
Table 4-1 Pin Type Define
Symbol
Description
P
Power pad
CLK
Clock
I
Input only
O
Output only (Push-pull)
I/O
input / output pad
Table 4-2 ILI2511 Pin Description
Name
Type
Description
VDD5V
P
5V or 3.3V input power supply, connect 1uF capacitor to system
ground
VDD3D
P
3.3V regulator output or 3.3V input power supply, connect 1uF
capacitor to system ground
VDD3A
P
3.3V regulator output or 3.3V input power supply, connect 1uF
capacitor to system ground
VDDIO
P
1.8V/3.3V input power supply for I2C, SPI, UART, GPIO, connect 1uF
capacitor to system ground
VDD16
P
1.6V regulator output, connect 1uF capacitor to system ground
VTX
P
HV regulator output, connect 1uF capacitor to system ground
VGH
P
Charge pump HV output, connect 1uF capacitor to system ground
GND
P
connect to system ground
C2N
P
Cathode of charge pump capacitor, connect 1uF capacitor to C2P
C2P
P
Anode of charge pump capacitor, connect 1uF capacitor to C2N
C1N
P
Cathode of charge pump capacitor, connect 1uF capacitor to C1P
C1P
P
Anode of charge pump capacitor, connect 1uF capacitor to C1N
C0N
P
Cathode of charge pump capacitor, connect 1uF capacitor to C0P
C0P
P
Anode of charge pump capacitor, connect 1uF capacitor to C1N
DM
I/O
USB interface
DP
I/O
USB interface
XTAL_IO1
I/O
External crystal input, connect 12Mhz crystal for USB application
XTAL_IO2
I/O
External crystal output, connect 12Mhz crystal for USB application
RSTN
I/O
External hardware reset input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com