Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP101G Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # IP101G
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101G Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button IP101G Datasheet HTML 36Page - List of Unclassifed Manufacturers IP101G Datasheet HTML 37Page - List of Unclassifed Manufacturers IP101G Datasheet HTML 38Page - List of Unclassifed Manufacturers IP101G Datasheet HTML 39Page - List of Unclassifed Manufacturers IP101G Datasheet HTML 40Page - List of Unclassifed Manufacturers IP101G Datasheet HTML 41Page - List of Unclassifed Manufacturers IP101G Datasheet HTML 42Page - List of Unclassifed Manufacturers IP101G Datasheet HTML 43Page - List of Unclassifed Manufacturers IP101G Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 65 page
background image
IP101G
Data Sheet
40/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01
MII page16 Register26~27
page
MII
ROM R/W
Description
Default
26[14:12]
R/W RXDV_DRIVE
RXDV PAD Driving Current is defined as same as RXC.
3’b001
26[11:9]
R/W RXD3_DRIVE
RXD3 PAD Driving Current is defined as same as RXC.
3’b001
26[8:6]
R/W RXD2_DRIVE
RXD2 PAD Driving Current is defined as same as RXC.
3’b001
26[5:3]
R/W RXD1_DRIVE
RXD1 PAD Driving Current is defined as same as RXC.
3’b001
26[2:0]
R/W RXD0_DRIVE
RXD0 PAD Driving Current is defined as same as RXC.
3’b001
27[15]
RO Reserved
0
27[14:12]
R/W MDIO_DRIVE
MDIO PAD Driving Current is defined as same as RXC.
3’b000
27[11:9]
R/W COL_DRIVE
COL PAD Driving Current is defined as same as RXC.
3’b000
27[8:6]
R/W CRS_DRIVE
CRS PAD Driving Current is defined as same as RXC.
3’b000
27[5:3]
R/W Reserved
3’b010
27[2:0]
R/W TXC_DRIVE
TXC PAD Driving Current is defined as same as RXC.
3’b010
The other Registers are reserved registers. User is inhibited to access to these registers. It may
introduce abnormal function to write these registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com