Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAP011 Datasheet(PDF) 21 Page - ON Semiconductor

Part # DAP011
Description  PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAP011 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button DAP011 Datasheet HTML 16Page - ON Semiconductor DAP011 Datasheet HTML 17Page - ON Semiconductor DAP011 Datasheet HTML 18Page - ON Semiconductor DAP011 Datasheet HTML 19Page - ON Semiconductor DAP011 Datasheet HTML 20Page - ON Semiconductor DAP011 Datasheet HTML 21Page - ON Semiconductor DAP011 Datasheet HTML 22Page - ON Semiconductor DAP011 Datasheet HTML 23Page - ON Semiconductor DAP011 Datasheet HTML 24Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
DAP011/DAP011C
http://onsemi.com
21
1
2
@ Lp @ Ip2Fsw + 4W
(eq. 4)
If this IC enters skip cycle mode with a bunch length of
10 ms over a recurrent period of 100 ms, then the total power
transfer is: 4.
0.1 = 400 mW.
To better understand how this skip cycle mode takes place,
a look at the operation mode versus the FB level
immediately gives the necessary insight:
5.0 V, FB Pin open
3.0 V upper dynamic range
Normal Current Mode Operation
1.0 V
Skip−cycle Operation
Ip min = 350 mV/Rsense
FB Pin Voltage
Figure 36.
When FB is above the skip cycle threshold (1.0 V by
default), the peak current cannot exceed 1.0 V / Rsense.
When the IC enters the skip cycle mode, the peak current
cannot go below 1.0 V / 3 or around 350 mV / Rsense.
Figure 38 shows different values of pulse widths when the
SMPS starts−to−skip cycles at different power levels:
Figure 37. Output Pulses at Various Power Levels (X = 5
ms/div) P1 < P2 < P3
Power P1
Power P2
Power P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com