Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP5306 Datasheet(PDF) 2 Page - Injoinic Technology Co.,Ltd.

Part # IP5306
Description  2A charging/2.4A discharging mobile power supply SOC with integrated digital tube driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5306 Datasheet(HTML) 2 Page - Injoinic Technology Co.,Ltd.

  IP5306 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5306 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5306 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5306 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5306 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5306 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5306 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5306 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5306 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
IP5506
V1.0
2 / 16
Copyright © 2018, Injoinic Corp.
4 引脚定义
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VOUT
VIN
KEY
LED5
LED4
LED3
LED2
Fcap
FSEL
LED1
VSET
GND
VCC
VBAT
CSIN
LX
ESOP16
IP5506
GND
17
图 2 IP5506 引脚图
引脚
描述
序号
名称
1
VOUT
DC-DC 5V 升压输出 pin
2
VIN
DC-DC 5V 充电输入 pin
3、
KEY
按键和手电筒驱动 pin
4、
LED5
数码管/LED 驱动 pin5
5
LED4
数码管/LED 驱动 pin4
6
LED3
数码管/LED 驱动 pin3
7
LED2
数码管/LED 驱动 pin2
8
FCap
电芯初始容量设定 pin
9
FSEL
按键方式设定 pin
10
LED1
数码管/LED 驱动 pin1
11
VSET
电池类型设置,4.20V/4.3V/4.35V/4.40V
12
GND
系统地
13
VCC
LDO 3.1V 输出
14
VBAT
系统供电和电芯电压采样 pin
15
CSIN
电芯电压采样 pin
16
LX
DCDC 开关节点,连接电感
17
GND
功率地和散热地,需要保持与 GND 良好接触



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com