Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP6536 Datasheet(PDF) 2 Page - Injoinic Technology Co.,Ltd.

Part # IP6536
Description  integrated Dual port Type C PD 3.0 (waiting for fast charging protocol output SOC IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP6536 Datasheet(HTML) 2 Page - Injoinic Technology Co.,Ltd.

  IP6536 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP6536 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP6536 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP6536 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP6536 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP6536 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP6536 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP6536 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP6536 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
IP6566
V1.0.3
http://www.injoinic.com/
2 / 18
Copyright © 2019, Injoinic Corp.
4 IP6566 型号说明
IP6566-CC
VOUT1
USB Type-C
PDO
5V/3A
9V/2.22A
3.3V-11V/2A
QC
(1)
5V/3A
9V/2A
12V/1.5A
VOUT2
USB Type-C
PDO
5V/3A
9V/2.22A
3.3V-11V/2A
QC
(1)
5V/3A
9V/2A
12V/1.5A
IP6566-AC
(2)
VOUT1
USB A
QC
(1)
5V/3A
9V/2A
12V/1.5A
VOUT2
USB Type-C
PDO
5V/3A
9V/2.22A
3.3V-11V/2A
QC
(1)
5V/3A
9V/2A
12V/1.5A
IP6566-AA
VOUT1
USBA
QC
(1)
5V/3A
9V/2A
12V/1.5A
VOUT2
USBA
QC
(1)
5V/3A
9V/2A
12V/1.5A
说明:
(1)表中 QC 指的是高压快充的输出功率。
(2)表中 USB Type-C 口的 PDO 支持定制。
(3)IP6566_AC 的 VOUT1 接 USB A 座子,VOUT2 接 USB Type-C 座子。
(4)IP6566 支持 SCP 和高压 SCP 快充协议。
(5)IP6566_AC 和 IP6566_CC 的 C 口输出 PD 协议时,OCP 参考 PDO;C 口输出非 PD 协议时,OCP 是
18W:5V/3A,9V/2A,12V/1.5A。
IP6566
LX
DM1
DP1
DM2
DP2
VIN
DM2
DP2
BST
CCA2
CCB1
GND
PGND AGND
C1
C2
C3
L1
C8
R1
VIN
VOUT2
VOUT1
CCB2
EPAD(VOUT)
VOUT1
VOUT2
CCA1
HLED
C6
C7
CCB1
CCB2
DM1
DP1
CCA1
CCA2
C4
C5
D1
图 1 IP6566_CC 双 USB Type-C 口快充输出简化应用原理图



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com