Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5211 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS5211
Description  Low Voltage Synchronous Buck Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5211 Datasheet(HTML) 2 Page - ON Semiconductor

  CS5211_06 Datasheet HTML 1Page - ON Semiconductor CS5211_06 Datasheet HTML 2Page - ON Semiconductor CS5211_06 Datasheet HTML 3Page - ON Semiconductor CS5211_06 Datasheet HTML 4Page - ON Semiconductor CS5211_06 Datasheet HTML 5Page - ON Semiconductor CS5211_06 Datasheet HTML 6Page - ON Semiconductor CS5211_06 Datasheet HTML 7Page - ON Semiconductor CS5211_06 Datasheet HTML 8Page - ON Semiconductor CS5211_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CS5211
http://onsemi.com
2
COMP
VFFB
VFB
GATE(H)
GATE(L)
VC
VCC
PGND
IS−
ROSC
CS5211
2.5 V/8.0 A
51 k
0.1 mF
LGND
100 mF/10 V × 3
0.1 mF
SENSE+
4.7 k
1.0 k
1.0%
2.9 mH
5.0 V
IS+
SENSE−
+
+
100 mF/10 V × 2
SGND
1.0%
0.1 mF
0.1 mF
10
BST
4.7 k
Figure 1. Application Diagram, 5.0 V to 2.5 V/8.0 A Converter with Differential Remote Sense
10
1.5 k
0.1 mF
+VOUT
−VOUT
Return
680 pF
ORDERING INFORMATION
Device
Operating Temperature Range
Package
Shipping†
CS5211ED14
−40°C < TA < 85°C
SOIC−14
55 Units / Rail
CS5211ED14G
SOIC−14
(Pb−Free)
55 Units / Rail
CS5211EDR14
SO−14
2500 / Tape & Reel
CS5211EDR14G
SOIC−14
(Pb−Free)
2500 / Tape & Reel
CS5211GD14
0°C < TA < 70°C
SO−14
55 Units / Rail
CS5211GD14G
SOIC−14
(Pb−Free)
55 Units / Rail
CS5211GDR14
SO−14
2500 / Tape & Reel
CS5211GDR14G
SOIC−14
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
MAXIMUM RATINGS
Rating
Value
Unit
Operating Junction Temperature, TJ
150
°C
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
230 peak
°C
Storage Temperature Range, TS
−65 to +150
°C
Package Thermal Resistance, Junction−to−Case, RqJC
Junction−to−Ambient, RqJA
30
125
°C/W
°C/W
ESD Susceptibility (Human Body Model)
2.0
kV
JEDEC Moisture Sensitivity
1.0
−
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. 60 second maximum above 183°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com