Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5212 Datasheet(PDF) 12 Page - ON Semiconductor

Part # CS5212
Description  Low Voltage Synchronous Buck Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5212 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button CS5212 Datasheet HTML 5Page - ON Semiconductor CS5212 Datasheet HTML 6Page - ON Semiconductor CS5212 Datasheet HTML 7Page - ON Semiconductor CS5212 Datasheet HTML 8Page - ON Semiconductor CS5212 Datasheet HTML 9Page - ON Semiconductor CS5212 Datasheet HTML 10Page - ON Semiconductor CS5212 Datasheet HTML 11Page - ON Semiconductor CS5212 Datasheet HTML 12Page - ON Semiconductor CS5212 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
CS5212
http://onsemi.com
12
Rpullup Value Selection for Boost Circuit Startup
The CS5212 application circuit incorporates a pullup
resistor, R7, into the boost circuitry. This resistor is essential
to achieving startup of the boost circuit. At startup, the
GATE(H) output may be limited to 0.8 V, due to internal Vbe
drops. Until the boost circuitry charges up, the GATE(H)
output cannot provide sufficient Vgs to turn on the MOSFET.
A resistor from GATE(H) to BST allows bypassing of the
GATE(H) driver until the boost circuitry is charged. The time
constant, set by the pullup resistor and the Cin of the top
MOSFET, must be fast enough to turn on the MOSFET
during the switching period. The following equation is used
to determine Rpullup:
Rpullup t
1
(Cin
fSW)
where fSW is the switching frequency.
Choosing components according to this equation will
insure that approximately 63% of the boost voltage will be
applied to GATE(H) within one switching period. To start
charge pumping, the control MOSFET must pull up the
switching node above 0.6 V, two Schottky drops, which will
allow VC voltage to increase. Therefore, the voltage applied
by GATE(H) must be 0.6 V greater than Vth of the top FET.
Both high− and low−side switches must be sublogic level
MOSFETs with RDS(on) specified at 2.5 Vgs in order to
ensure proper up.
ORDERING INFORMATION
Device
Operating
Temperature Range
Package
Shipping†
CS5212ED14
−40°C < TA < 85°C
SOIC−14
55 Units / Rail
CS5212ED14G
SOIC−14
(Pb−Free)
55 Units / Rail
CS5212EDR14
SOIC−14
2500 / Tape & Reel
CS5212EDR14G
SOIC−14
(Pb−Free)
2500 / Tape & Reel
CS5212GD14
0°C < TA < 70°C
SOIC−14
55 Units / Rail
CS5212GD14G
SOIC−14
(Pb−Free)
55 Units / Rail
CS5212GDR14
SOIC−14
2500 / Tape & Reel
CS5212GDR14G
SOIC−14
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com