Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5301 Datasheet(PDF) 13 Page - ON Semiconductor

Part # CS5301
Description  Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5301 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button CS5301_06 Datasheet HTML 9Page - ON Semiconductor CS5301_06 Datasheet HTML 10Page - ON Semiconductor CS5301_06 Datasheet HTML 11Page - ON Semiconductor CS5301_06 Datasheet HTML 12Page - ON Semiconductor CS5301_06 Datasheet HTML 13Page - ON Semiconductor CS5301_06 Datasheet HTML 14Page - ON Semiconductor CS5301_06 Datasheet HTML 15Page - ON Semiconductor CS5301_06 Datasheet HTML 16Page - ON Semiconductor CS5301_06 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
CS5301
http://onsemi.com
13
SWNODE
VFB (VOUT)
CSA Out
CSA Out + VFB
Figure 10. Open Loop Operation
COMP − Offset
T1
T2
Inductive Current Sensing
For lossless sensing, current can be sensed across the
inductor as shown in Figure 11. In the diagram L is the output
inductance and RL is the inherent inductor resistance. To
compensate the current sense signal the values of R1 and C1
are chosen so that L/RL = R1 × C1. If this criteria is met the
current sense signal will be the same shape as the inductor
current, the voltage signal at CSx will represent the
instantaneous value of inductor current and the circuit can be
analyzed as if a sense resistor of value RL was used as a sense
resistor (RS).
SWNODE
VOUT
DACOUT
COMP
VFB
CSREF
CSX
CSA
OFFSET
PWM
COMP
E.A.
R1
C1
L
RL
+
+
+
+
+
+
Figure 11. Lossless Inductive Current Sensing with
Enhanced V2
When choosing or designing inductors for use with
inductive sensing tolerances and temperature effects should
be considered. Cores with a low permeability material or a
large gap will usually have minimal inductance change with
temperature and load. Copper magnet wire has a
temperature coefficient of 0.39% per
°C. The increase in
winding resistance at higher temperatures should be
considered when setting the ILIM threshold. If a more
accurate current sense is required than inductive sensing can
provide, current can be sensed through a resistor as shown
in Figure 9.
Current Sharing Accuracy
PCB traces that carry inductor current can be used as part
of the current sense resistance depending on where the
current sense signal is picked off. For accurate current
sharing, the current sense inputs should sense the current at
the same point for each phase and the connection to the
CSREF should be made so that no phase is favored. (In some
cases, especially with inductive sensing, resistance of the
pcb can be useful for increasing the current sense
resistance.) The total current sense resistance used for
calculations must include any pcb trace between the CSx
inputs and the CSREF input that carries inductor current.
Current Sense Amplifier Input Mismatch and the value of
the current sense element will determine the accuracy of
current sharing between phases. The worst case Current
Sense Amplifier Input Mismatch is 5.0 mV and will
typically be within 3.0 mV. The difference in peak currents
between phases will be the CSA Input Mismatch divided by
the current sense resistance. If all current sense elements are
of equal resistance a 3.0 mV mismatch with a 2.0 m
W sense
resistance will produce a 1.5 A difference in current between
phases.
Operation at > 50% Duty Cycle
For operation at duty cycles above 50% Enhanced V2 will
exhibit subharmonic oscillation unless a compensation
ramp is added to each phase. A circuit like the one on the left
side of Figure 12 can be added to each current sense network
to implement slope compensation. The value of R1 can be
varied to adjust the ramp size.
Switch Node
CSX
CSREF
25 k
R1
.01
mF
1.0 nF
0.1
mF
3.0 k
Gate(L)X
Slope Comp
Circuit
Existing Current
Sense Circuit
MMBT2222LT1
Figure 12. External Slope Compensation Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com