Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5171GD8G Datasheet(PDF) 16 Page - ON Semiconductor

Part # CS5171GD8G
Description  1.5 A 280 kHz/560 kHz Boost Regulators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5171GD8G Datasheet(HTML) 16 Page - ON Semiconductor

Back Button CS5171GD8G Datasheet HTML 12Page - ON Semiconductor CS5171GD8G Datasheet HTML 13Page - ON Semiconductor CS5171GD8G Datasheet HTML 14Page - ON Semiconductor CS5171GD8G Datasheet HTML 15Page - ON Semiconductor CS5171GD8G Datasheet HTML 16Page - ON Semiconductor CS5171GD8G Datasheet HTML 17Page - ON Semiconductor CS5171GD8G Datasheet HTML 18Page - ON Semiconductor CS5171GD8G Datasheet HTML 19Page - ON Semiconductor CS5171GD8G Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
CS5171, CS5172, CS5173, CS5174
http://onsemi.com
16
This circuit, shown in Figure 40, requires a minimum
number of components and allows the Soft−Start circuitry to
activate any time the SS pin is used to restart the converter.
Figure 40. Soft Start
VC
R1
C2
C1
D2
D1
VCC
C3
VIN
SS
SS
Resistor R1 and capacitors C1 and C2 form the
compensation network. At turn on, the voltage at the VC pin
starts to come up, charging capacitor C3 through Schottky
diode D2, clamping the voltage at the VC pin such that
switching begins when VC reaches the VC threshold,
typically 1.05 V (refer to graphs for detail over temperature).
VC + VF(D2))VC3
Therefore, C3 slows the startup of the circuit by limiting
the voltage on the VC pin. The Soft−Start time increases with
the size of C3.
Diode D1 discharges C3 when SS is low. If the shutdown
function is not used with this part, the cathode of D1 should
be connected to VIN.
Calculating Junction Temperature
To ensure safe operation of the CS5171/2/3/4, the
designer must calculate the on−chip power dissipation and
determine its expected junction temperature. Internal
thermal protection circuitry will turn the part off once the
junction temperature exceeds 180
°C ± 30°. However,
repeated operation at such high temperatures will ensure a
reduced operating life.
Calculation of the junction temperature is an imprecise
but simple task. First, the power losses must be quantified.
There are three major sources of power loss on the CS517x:
• biasing of internal control circuitry, PBIAS
• switch driver, PDRIVER
• switch saturation, PSAT
The internal control circuitry, including the oscillator and
linear regulator, requires a small amount of power even
when the switch is turned off. The specifications section of
this datasheet reveals that the typical operating current, IQ,
due to this circuitry is 5.5 mA. Additional guidance can be
found in the graph of operating current vs. temperature. This
graph shows that IQ is strongly dependent on input voltage,
VIN, and temperature. Then
PBIAS + VINIQ
Since the onboard switch is an NPN transistor, the base
drive current must be factored in as well. This current is
drawn from the VIN pin, in addition to the control circuitry
current. The base drive current is listed in the specifications
as
DICC/DISW, or switch transconductance. As before, the
designer will find additional guidance in the graphs. With
that information, the designer can calculate
PDRIVER + VINISW
ICC
DISW
D
where:
ISW = the current through the switch;
D = the duty cycle or percentage of switch on−time.
ISW and D are dependent on the type of converter. In a
boost converter,
ISW(AVG) ^ ILOAD
D
1
Efficiency
D
^
VOUT * VIN
VOUT
In a flyback converter,
ISW(AVG) ^
VOUTILOAD
VIN
1
Efficiency
D
^
VOUT
VOUT )
NS
NP
VIN
The switch saturation voltage, V(CE)SAT, is the last major
source
of
on−chip
power
loss.
V(CE)SAT is the
collector−emitter voltage of the internal NPN transistor
when it is driven into saturation by its base drive current. The
value for V(CE)SAT can be obtained from the specifications
or from the graphs, as “Switch Saturation Voltage.” Thus,
PSAT ^ V(CE)SATISW
D
Finally, the total on−chip power losses are
PD + PBIAS)PDRIVER)PSAT
Power dissipation in a semiconductor device results in the
generation of heat in the junctions at the surface of the chip.
This heat is transferred to the surface of the IC package, but
a thermal gradient exists due to the resistive properties of the
package molding compound. The magnitude of the thermal
gradient is expressed in manufacturers’ data sheets as
qJA,
or junction−to−ambient thermal resistance. The on−chip
junction temperature can be calculated if
qJA, the air
temperature near the surface of the IC, and the on−chip
power dissipation are known.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com