Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS7054 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS7054
Description  Low Side PWM FET Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS7054 Datasheet(HTML) 3 Page - ON Semiconductor

  CS7054 Datasheet HTML 1Page - ON Semiconductor CS7054 Datasheet HTML 2Page - ON Semiconductor CS7054 Datasheet HTML 3Page - ON Semiconductor CS7054 Datasheet HTML 4Page - ON Semiconductor CS7054 Datasheet HTML 5Page - ON Semiconductor CS7054 Datasheet HTML 6Page - ON Semiconductor CS7054 Datasheet HTML 7Page - ON Semiconductor CS7054 Datasheet HTML 8Page - ON Semiconductor CS7054 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CS7054
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (8.0 V < VCC < 16 V; –40°C < TA < 125°C; unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
VCC Supply
Operating Current Supply
–
–
5.0
10
mA
Quiescent Current
VCC = 12 V
–
170
275
µA
Overvoltage Shutdown
–
18
19.5
21
V
Overvoltage Hysteresis
–
150
325
500
mV
Control (CTL)
Control Input Current
CTL = 0 V to 5.0 V
–2.0
0.1
2.0
µA
Sleep Mode Threshold
–
8.0
10
12
% VREG
Sleep Mode Hysteresis
–
50
100
150
mV
Current Sense
Differential Voltage Sense
IADJ = 51.2% VREG and RCS1 = 51 Ω
60.5
–
79.5
mV
IADJ Input Current
IADJ = 0 V to 5.0 V
–5.0
0.3
2.0
µA
Linear Regulator
Output Voltage
VCC = 13.2 V
4.85
5.00
5.15
V
Inhibit
Inhibit Threshold
–
40
50
60
% VREG
Inhibit Hysteresis
–
150
325
575
mV
External Drive (OUTPUT)
Output Frequency
ROSC = 105 kΩ, COSC = 390 pF
17
20
23
kHz
Voltage to Duty Cycle Conversion
VCC = 13 V, CTL = 30% VREG
VCC = 13 V, CTL = 70% VREG
26.3
69.5
–
–
38.5
81.5
%
%
Output Rise Time
VCC = 13 V, RGATE = 6.0 Ω, CGATE = 5.0 nF
–
0.25
1.0
µs
Output Fall Time
VCC = 13 V, RGATE = 6.0 Ω, CGATE = 5.0 nF
–
0.3
1.0
µs
Output Sink Current
VCC = 13 V, RGATE = 6.0 Ω, CGATE = 5.0 nF
–
400
–
mA
Output Source Current
VCC = 13 V, RGATE = 6.0 Ω, CGATE = 5.0 nF
–
400
–
mA
Output High Voltage
IOUT = 1.0 mA
VCC – 1.7
–
–
V
Output Low Voltage
IOUT = –1.0 mA
–
–
1.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com