Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T62 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41T62
Description  Serial Access Real-Time Clock with Alarms
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62 Datasheet(HTML) 1 Page - STMicroelectronics

  M41T62_06 Datasheet HTML 1Page - STMicroelectronics M41T62_06 Datasheet HTML 2Page - STMicroelectronics M41T62_06 Datasheet HTML 3Page - STMicroelectronics M41T62_06 Datasheet HTML 4Page - STMicroelectronics M41T62_06 Datasheet HTML 5Page - STMicroelectronics M41T62_06 Datasheet HTML 6Page - STMicroelectronics M41T62_06 Datasheet HTML 7Page - STMicroelectronics M41T62_06 Datasheet HTML 8Page - STMicroelectronics M41T62_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
August 2006
Rev 11
1/41
1
M41T62, M41T63
M41T64, M41T65
Serial Access Real-Time Clock with Alarms
Feature summary
■
Counters for tenths/hundredths of seconds,
seconds, minutes, hours, day, date, month,
year, and century
■
32 KHz crystal oscillator integrating load
capacitance and high crystal series resistance
operation
■
Oscillator stop detection monitors clock
operation
■
Serial interface supports I2C bus (400kHz)
■
350nA timekeeping current @ 3V
■
Low operating current of 35
µA (@400kHz)
■
Timekeeping down to 1.0V
■
1.3V to 4.4V I2C bus operating voltage
■
32KHz square wave on power-up to drive a
microcontroller in low power mode
(M41T62/63/64)
■
Programmable (1Hz to 32KHz) square wave
(M41T63/64)
■
Programmable alarm with interrupt function
(M41T62/65)
■
Accurate programmable watchdog
(from 62.5ms to 31 min)
■
Software clock calibration to compensate
deviation of crystal due to temperature
■
Automatic leap year compensation
■
Operating temperature of –40 to 85°C
■
Lead-free 16-pin QFN package
■
Lithium ion rechargeable operation
Table 1
QFN16 (Q) 3mm x 3mm
1
XI
2
XO
3
4
AI11107
ST QFN16
SMT
CRYSTAL
VSOJ20 (47.6mm2)
Guard Ring
(21.5mm2)
GND Plane
32KHz crystal + QFN 16 vs. VSOJ20
Table 1.
Device options
Basic RTC
Alarms
OSC fail
detect
Watchdog
timer
Calibration
SQW
output
IRQ
output
WDO
output
F32K
output
M41T62
✔✔
✔
✔
✔
✔
✔
M41T63
✔✔
✔
✔
✔
✔
✔
M41T64
✔✔
✔
✔
✔
✔
✔
M41T65
✔✔
✔
✔
✔
✔
✔
www.st.com


Similar Part No. - M41T62_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T62LC6F STMICROELECTRONICS-M41T62LC6F Datasheet
878Kb / 44P
Serial real-time clocks (RTCs) with alarm
01-Dec-2011
M41T62LC6F STMICROELECTRONICS-M41T62LC6F Datasheet
706Kb / 42P
Low-power serial real-time clocks (RTCs) with alarm
05-Sep-2019
M41T62Q6F STMICROELECTRONICS-M41T62Q6F Datasheet
695Kb / 41P
Serial real-time clocks with alarm
25-May-2010
M41T62 STMICROELECTRONICS-M41T62_10 Datasheet
695Kb / 41P
Serial real-time clocks with alarm
25-May-2010
M41T62_1112 STMICROELECTRONICS-M41T62_1112 Datasheet
878Kb / 44P
Serial real-time clocks (RTCs) with alarm
01-Dec-2011
More results

Similar Description - M41T62_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T81 STMICROELECTRONICS-M41T81 Datasheet
389Kb / 27P
Serial Access Real-Time Clock with Alarms
Rev. 2.0
M41T62 STMICROELECTRONICS-M41T62 Datasheet
670Kb / 33P
Serial Access Real-Time Clock with Alarms
13-Nov-2003
M41T81S STMICROELECTRONICS-M41T81S Datasheet
438Kb / 29P
Serial Access Real-Time Clock with Alarms
22-Jan-2004
M41T50 STMICROELECTRONICS-M41T50 Datasheet
288Kb / 23P
Serial Access Digital Input Real-Time Clock with Alarms
12-Dec-2003
M41T00S STMICROELECTRONICS-M41T00S_08 Datasheet
227Kb / 26P
Serial access real-time clock
14-May-2008
M41T81S STMICROELECTRONICS-M41T81S_07 Datasheet
282Kb / 31P
Serial access real-time clock with alarms
22-Jan-2007
M41T60 STMICROELECTRONICS-M41T60_10 Datasheet
498Kb / 27P
Serial access real-time clock
29-Apr-2010
M41T66 STMICROELECTRONICS-M41T66 Datasheet
342Kb / 33P
Serial access real-time clock with alarms
22-Oct-2008
M41T66 STMICROELECTRONICS-M41T66_11 Datasheet
417Kb / 34P
Serial real-time clock with alarms
25-Oct-2011
M41T81S STMICROELECTRONICS-M41T81S_12 Datasheet
507Kb / 32P
Serial access real-time clock (RTC) with alarms
16-May-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com