Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MID400SD Datasheet(PDF) 2 Page - ON Semiconductor

Part # MID400SD
Description  AC Line Monitor Logic-Out Device
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MID400SD Datasheet(HTML) 2 Page - ON Semiconductor

  MID400SD Datasheet HTML 1Page - ON Semiconductor MID400SD Datasheet HTML 2Page - ON Semiconductor MID400SD Datasheet HTML 3Page - ON Semiconductor MID400SD Datasheet HTML 4Page - ON Semiconductor MID400SD Datasheet HTML 5Page - ON Semiconductor MID400SD Datasheet HTML 6Page - ON Semiconductor MID400SD Datasheet HTML 7Page - ON Semiconductor MID400SD Datasheet HTML 8Page - ON Semiconductor MID400SD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MID400
www.onsemi.com
2
SAFETY AND INSULATION RATINGS (As per DIN EN/IEC 60747−5−5, this optocoupler is suitable for “safe electrical insulation”
only within the safety limit data. Compliance with the safety ratings shall be ensured by means of protective circuits.)
Parameter
Characteristics
Installation Classifications per DIN VDE 0110/1.89 Table 1, For Rated Mains Voltage
<150 VRMS
I–IV
<300 VRMS
I–IV
Climatic Classification
55/100/21
Pollution Degree (DIN VDE 0110/1.89)
2
Comparative Tracking Index
175
Symbol
Parameter
Value
Unit
VPR
Input−to−Output Test Voltage, Method A, VIORM x 1.6 = VPR, Type and Sample Test
with tm = 10 s, Partial Discharge < 5 pC
1008
Vpeak
Input−to−Output Test Voltage, Method B, VIORM x 1.875 = VPR, 100% Production Test
with tm = 1 s, Partial Discharge < 5 pC
1182
Vpeak
VIORM
Maximum Working Insulation Voltage
630
Vpeak
VIOTM
Highest Allowable Over−Voltage
6000
Vpeak
External Creepage
≥7
mm
External Clearance
≥7
mm
DTI
Distance Through Insulation (Insulation Thickness)
≥0.4
mm
TS
Case Temperature (Note 1)
150
°C
IS,INPUT
Input Current (Note 1)
60
mA
PS,OUTPUT
Output Power (Note 1)
150
mW
RIO
Insulation Resistance at TS, VIO = 500 V (Note 1)
>109
W
1. Safety limit values – maximum values allowed in the event of a failure.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
TSTG
Storage Temperature
−55 to +125
°C
TOPR
Operating Temperature
−40 to +85
°C
TJ
Junction Temperature
−55 to +100
°C
TSOL
Lead Solder Temperature (Wave soldering only. See recommended reflow profile
graph for SMD mounting)
260 for 10 seconds
°C
PD
Total Device Power Dissipation @ TA = 25°C
115
mW
Derate Above 70°C
4
mW/°C
EMITTER
RMS Current
25
mA
DC Current
±30
mA
PD(EMITTER) LED Power Dissipation @ TA = 25°C
45
mW
Derate Above 70°C
2
mW/°C
DETECTOR
IOL
Low Level Output Current
20
mA
VOH
High Level Output Voltage
7
V
VCC
Supply Voltage
7
V
PD(DETECTOR) Detector Power Dissipation @ TA = 25°C
70
mW
Derate Above 70°C
2
mW/°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com