Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8120 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS8120
Description  5.0 V, 300 mA Linear Regulator with RESET and ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8120 Datasheet(HTML) 3 Page - ON Semiconductor

  CS8120 Datasheet HTML 1Page - ON Semiconductor CS8120 Datasheet HTML 2Page - ON Semiconductor CS8120 Datasheet HTML 3Page - ON Semiconductor CS8120 Datasheet HTML 4Page - ON Semiconductor CS8120 Datasheet HTML 5Page - ON Semiconductor CS8120 Datasheet HTML 6Page - ON Semiconductor CS8120 Datasheet HTML 7Page - ON Semiconductor CS8120 Datasheet HTML 8Page - ON Semiconductor CS8120 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CS8120
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VIN = 14 V, IOUT = 5.0 mA; −40 ≤ TJ ≤ 150°C, −40°C ≤ TC ≤ 125°C,
unless otherwise noted.) Note 3
Characteristic
Test Conditions
Min
Typ
Max
Unit
Output Stage
Output Voltage, VOUT
7.0 V
≤ VIN ≤ 26 V, 1.0 mA ≤ IOUT ≤ 300 mA
4.8
5.0
5.2
V
Line Regulation
7.0 V
≤ VIN ≤ 26 V, IOUT = 200 mA
−
−
50
mV
Load Regulation
1.0 mA
≤ IOUT ≤ 300 mA
−
−
50
mV
Supply Voltage Rejection
VIN = 14 VDC + 1.0 VRMS @ 120Hz
LOAD = 25 W
40
70
−
dB
Dropout Voltage
IOUT = 200 mA
−
1.0
1.5
V
Quiescent Current
ENABLE = High, VIN = 12 V
ENABLE = Low, IOUT = 200 mA
−
−
0.25
2.5
0.65
15
mA
mA
Protection Circuits
Short Circuit Current
−
300
600
−
mA
Thermal Shutdown
−
150
190
−
°C
Overvoltage Shutdown
−
26
40
−
V
RESET
RESET Saturation Voltage
1.0 V < VOUT < VRT(OFF),
3.1 k
W Pull−Up to VOUT
−
0.1
0.4
V
RESET Output Leakage Current
ENABLE = Low, VOUT > VRT(ON),
VRESET = VOUT
−
0
25
mA
Power ON/OFF RESET
Peak Output Voltage
3.1 k
W Pull−Up to VOUT
−
0.7
1.0
V
RESET Threshold
HIGH (VRH)
LOW (VRL)
VOUT Increasing
VOUT Decreasing
−
4.75
VOUT − 0.10
VOUT − 0.14
VOUT − 0.04
−
V
V
RESET Threshold Hysteresis
−
10
40
−
mV
ENABLE
Input High Voltage
7.0 V < VIN < 26 V
−
2.9
3.9
V
Input Low Voltage
7.0 V < VIN < 26 V
1.1
2.1
−
V
Input Hysteresis
7.0 V < VIN < 26 V
0.4
0.8
2.8
V
Input Current
GND < VIN(HI) < VOUT
−10
0
+10
mA
3. To have safe operating junction temperatures, low duty cycle pulse testing is used on tests where applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com