Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8122 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS8122
Description  2.0% 5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8122 Datasheet(HTML) 4 Page - ON Semiconductor

  CS8122 Datasheet HTML 1Page - ON Semiconductor CS8122 Datasheet HTML 2Page - ON Semiconductor CS8122 Datasheet HTML 3Page - ON Semiconductor CS8122 Datasheet HTML 4Page - ON Semiconductor CS8122 Datasheet HTML 5Page - ON Semiconductor CS8122 Datasheet HTML 6Page - ON Semiconductor CS8122 Datasheet HTML 7Page - ON Semiconductor CS8122 Datasheet HTML 8Page - ON Semiconductor CS8122 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CS8122
http://onsemi.com
4
PACKAGE LEAD DESCRIPTION
PACKAGE LEAD #
TO−220 5 LEAD
LEAD SYMBOL
FUNCTION
1
VIN
Unregulated supply voltage to IC.
2
VOUT
Regulated 5.0 V output.
3
GND
Ground Connection.
4
Delay
Timing capacitor for RESET function.
5
RESET
CMOS/TTL compatible output lead. RESET goes low whenever VOUT drops
below 6.0% of it’s regulated value.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN (V)
01
2
3
4
6
8
10
5
Figure 2. Quiescent Current vs. Input Voltage
Over Temperature
30
25
20
15
10
5
0
9
Figure 3. Quiescent Current vs. Input
Voltage Over Load Resistance
VIN (V)
01
2
3
4
5
120
100
0
80
60
40
20
Room Temp
RLOAD = 6.67 W
35
RLOAD = 10 W
RLOAD = 25 W
RLOAD = NO LOAD
40
45
50
55
67
89
10
Figure 4. Output Voltage vs. Input Voltage
Over Temperature
Figure 5. VOUT vs. VIN Over RLOAD
7
VIN (V)
01
2
3
4
6
8
10
5
3.0
2.5
2.0
1.5
1.0
0.5
0
9
RLOAD = 25 W
25
°C
3.5
−40
°C
125
°C
4.0
4.5
5.0
5.5
7
RLOAD = 25 W
25
°C
−40
°C
125
°C
VIN (V)
01
2
3
4
6
8
10
5
3.0
2.5
2.0
1.5
1.0
0.5
0
9
Room Temp
3.5
RLOAD = 6.67 W
4.0
4.5
5.0
5.5
7
RLOAD = 10 W
RLOAD =
NO LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com