Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8126 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS8126
Description  5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8126 Datasheet(HTML) 3 Page - ON Semiconductor

  CS8126 Datasheet HTML 1Page - ON Semiconductor CS8126 Datasheet HTML 2Page - ON Semiconductor CS8126 Datasheet HTML 3Page - ON Semiconductor CS8126 Datasheet HTML 4Page - ON Semiconductor CS8126 Datasheet HTML 5Page - ON Semiconductor CS8126 Datasheet HTML 6Page - ON Semiconductor CS8126 Datasheet HTML 7Page - ON Semiconductor CS8126 Datasheet HTML 8Page - ON Semiconductor CS8126 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CS8126
http://onsemi.com
3
MAXIMUM RATINGS*
Rating
Value
Unit
Power Dissipation
Internally Limited
−
Peak Transient Voltage (46 V Load Dump)
−50, 60
V
Output Current
Internally Limited
−
ESD Susceptibility (Human Body Model)
4.0
kV
Package Thermal Resistance, TO−220−5:
Junction−to−Case, RqJC
Junction−to−Ambient, RqJA
2.1
50
°C/W
°C/W
Package Thermal Resistance, D2PAK−7:
Junction−to−Case, RqJC
Junction−to−Ambient, RqJA
2.1
10−50**
°C/W
°C/W
Junction Temperature Range
−40 to +150
°C
Storage Temperature Range
−55 to +150
°C
Lead Temperature Soldering:
Wave Solder (through hole styles only) (Note 1)
Reflow (SMD styles only) (Note 2)
260 peak
230 peak
°C
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. 10 second maximum.
2. 60 second maximum above 183
°C.
*The maximum package power dissipation must be observed.
**Depending on thermal properties of substrate. RqJA = RqJC + RqCA.
ELECTRICAL CHARACTERISTICS (TA = −40°C to +125°C, TJ = −40°C to +150°C, VIN = 6.0 to 26 V,
IO = 5.0 to 500 mA, RRESET = 4.7 kW to VCC, unless otherwise noted.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Output Stage (VOUT)
Output Voltage
−
4.85
5.00
5.15
V
Dropout Voltage
IOUT1 = 500 mA
−
0.35
0.60
V
Supply Current
IOUT ≤ 10 mA
IOUT ≤ 100 mA
IOUT ≤ 500 mA
−
−
−
2.0
6.0
55
7.0
12
100
mA
mA
mA
Line Regulation
VIN = 6.0 to 26 V, IOUT = 50 mA
−
5.0
50
mV
Load Regulation
IOUT = 50 to 500 mA, VIN = 14 V
−
10
50
mV
Ripple Rejection
f = 120 Hz, VIN = 7.0 to 17 V, IOUT = 250 mA
54
75
−
dB
Current Limit
−
0.75
1.20
−
A
Overvoltage Shutdown
−
32
−
40
V
Maximum Line Transient
VOUT ≤ 5.5 V
−
95
−
V
Reverse Polarity Input Voltage DC
VOUT ≥ −0.6 V, 10 W Load
−15
−30
−
V
Reverse Polarity Input Voltage Transient
1.0% Duty Cycle, T < 100 ms, 10
W Load
−
−80
−
V
Thermal Shutdown
Note 3
150
180
210
°C
3. Guaranteed By Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com