Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8156 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS8156
Description  12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8156 Datasheet(HTML) 4 Page - ON Semiconductor

  CS8156 Datasheet HTML 1Page - ON Semiconductor CS8156 Datasheet HTML 2Page - ON Semiconductor CS8156 Datasheet HTML 3Page - ON Semiconductor CS8156 Datasheet HTML 4Page - ON Semiconductor CS8156 Datasheet HTML 5Page - ON Semiconductor CS8156 Datasheet HTML 6Page - ON Semiconductor CS8156 Datasheet HTML 7Page - ON Semiconductor CS8156 Datasheet HTML 8Page - ON Semiconductor CS8156 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CS8156
http://onsemi.com
4
TYPICAL PERFORMANCE CHARACTERISTICS
2000
1800
1600
1400
1200
1000
800
600
400
200
0
0
50
100
150
200
IOUT (mA)
Input Voltage (V)
Figure 2. Dropout Voltage vs. IOUT2
Figure 3. VOUT1 vs. Input Voltage
Temp (
°C)
Temp (
°C)
Figure 4. VOUT1 vs. Temperature
Figure 5. VOUT2 vs. Temperature
12
−40
5.030
12.15
−40
−20
VENABLE (V)
VENABLE (V)
Figure 6. ENABLE Current vs.
ENABLE Voltage
Figure 7. ENABLE Current vs. ENABLE
Voltage
0
0
5.0
100
13
11
10
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
−1.0
−2.0
−20
0
20
40
60
12.10
12.05
12.00
11.95
11.90
11.85
11.80
11.75
−20
0
20
40
60
80
100 120 140 160
5.020
5.010
5.000
4.990
4.980
4.970
−40
0
20
40
60
80
100 120 140 160
80
60
40
20
0
1.0
2.0
3.0
4.0
5.0
4.0
3.0
2.0
1.0
0
5.0
10
15
20
25
RL = 10 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com