Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8441YN8 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS8441YN8
Description  Stepper Motor Driver with Divide by Select
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8441YN8 Datasheet(HTML) 5 Page - ON Semiconductor

  CS8441YN8 Datasheet HTML 1Page - ON Semiconductor CS8441YN8 Datasheet HTML 2Page - ON Semiconductor CS8441YN8 Datasheet HTML 3Page - ON Semiconductor CS8441YN8 Datasheet HTML 4Page - ON Semiconductor CS8441YN8 Datasheet HTML 5Page - ON Semiconductor CS8441YN8 Datasheet HTML 6Page - ON Semiconductor CS8441YN8 Datasheet HTML 7Page - ON Semiconductor CS8441YN8 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CS8441
http://onsemi.com
5
CS8441
COILA+
COILA–
COILB+
COILB–
SENSOR
VCC
SELECT
GND
C1
10
µF
Z1
50 V
500 mW
R3
15 k
Ω
R2
100 k
Ω
R1
3.9
Ω
500 mW
D1
1.0 A
600 PIV
IGN
Buffered Speed Signal
(Open Collector Drive)
C2
0.1
µF
C3
0.01
µF
COIL A
210
±12 Ω
80 mH
COIL B
210
±12 Ω
80 mH
Figure 5. Odometer Application Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com