Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS51313GD16 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS51313GD16
Description  Synchronous CPU Buck Controller Capable of Implementing Multiple Linear Regulators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51313GD16 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CS51313GD16 Datasheet HTML 2Page - ON Semiconductor CS51313GD16 Datasheet HTML 3Page - ON Semiconductor CS51313GD16 Datasheet HTML 4Page - ON Semiconductor CS51313GD16 Datasheet HTML 5Page - ON Semiconductor CS51313GD16 Datasheet HTML 6Page - ON Semiconductor CS51313GD16 Datasheet HTML 7Page - ON Semiconductor CS51313GD16 Datasheet HTML 8Page - ON Semiconductor CS51313GD16 Datasheet HTML 9Page - ON Semiconductor CS51313GD16 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
CS51313
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS (continued) (0°C < TA < 70°C; 0°C < TJ < 125°C; 9.0 V < VCC < 14 V;
2.0 V DAC Code (VID4 = VID3 = VID2 = VID1 = 0, VID0 = 1.0) CGATE(H) = CGATE(L) = 3.3 nF, COFF = 390 pF; unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Power Good Output
PWRGD Sink Current
VFB = 1.7 V, VPWRGD = 1.0 V
0.5
4.0
15
mA
PWRGD Upper Threshold
% of Nominal DAC Code
5.0
8.5
12
%
PWRGD Lower Threshold
% of Nominal DAC Code
−12
−8.5
−5.0
%
PWRGD Output Low Voltage
VFB = 1.7 V, IPWRGD = 500 μA
−
0.2
0.3
V
Overvoltage Protection (OVP) Output
OVP Source Current
OVP = 1.0 V
1.0
10
25
mA
OVP Threshold
% of Nominal DAC Code
5.0
8.5
12
%
OVP Pull−Up Voltage
IOVP = 1.0 mA, VCC − VOVP
−
1.1
1.5
V
General Electrical Specifications
VCC Monitor Start Threshold
−
7.9
8.4
8.9
V
VCC Monitor Stop Threshold
−
7.6
8.1
8.6
V
Hysteresis
Start−Stop
0.15
0.3
0.6
V
VCC Supply Current
No Load on GATE(H), GATE(L)
−
12
20
mA
PACKAGE PIN DESCRIPTION
PACKAGE PIN #
PIN SYMBOL
FUNCTION
SO−16
1, 2, 3, 4, 6
VID0−VID4
Voltage ID DAC inputs. These pins are internally pulled up to 5.65 V if left
open. VID4 selects the DAC range. When VID4 is high (logic one), the Error
Amp reference range is 2.125 V to 3.525 V with 100 mV increments. When
VID4 is low (logic zero), the Error Amp reference voltage is 1.325 V to 2.075 V
with 50 mV increments.
5
VREF
Bandgap Reference Voltage. It can be used to generate other regulated output
voltages.
7
VFB
Error amp inverting input, PWM comparator non−inverting input, current limit
comparator non−inverting input, PWRGD and OVP comparator input.
8
VOUT
Current limit comparator inverting input.
9
VCC
Input power supply pin for the internal circuitry. Decouple with filter capacitor to
GND.
10
GATE(H)
High side switch FET driver pin.
11
GND
Ground pin.
12
GATE(L)
Low side synchronous FET driver pin.
13
OVP
Overvoltage protection pin. Goes high when overvoltage condition is detected
on VFB.
14
PWRGD
Power Good Output. Open collector output drives low when VFB is out of regu-
lation.
15
COFF
Off−Time Capacitor pin. A capacitor from this pin to GND sets the off time for
the regulator.
16
COMP
Error amp output. PWM comparator inverting input. A capacitor to GND pro-
vides error amp compensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com