Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAP222G Datasheet(PDF) 3 Page - ON Semiconductor

Part # DAP222G
Description  Common Anode Silicon Dual Switching Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAP222G Datasheet(HTML) 3 Page - ON Semiconductor

  DAP222G Datasheet HTML 1Page - ON Semiconductor DAP222G Datasheet HTML 2Page - ON Semiconductor DAP222G Datasheet HTML 3Page - ON Semiconductor DAP222G Datasheet HTML 4Page - ON Semiconductor DAP222G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DAP222, DAP202U
http://onsemi.com
3
A
RL
tr
tp
t
10%
90%
VR
tp = 2 ms
tr = 0.35 ns
IF
trr
t
Irr = 0.1 IR
IF = 5.0 mA
VR = 6 V
RL = 100 W
RECOVERY TIME EQUIVALENT TEST CIRCUIT
INPUT PULSE
OUTPUT PULSE
Figure 4. Reverse Recovery Time Test Circuit for the DAP222
A
RL
tr
tp
t
10%
90%
VR
tp = 2 ms
tr = 0.35 ns
IF
trr
t
Irr = 0.1 IR
IF = 5.0 mA
VR = 6 V
RL = 100 W
RECOVERY TIME EQUIVALENT TEST CIRCUIT
INPUT PULSE
OUTPUT PULSE
Figure 5. Reverse Recovery Time Test Circuit for the DAP202U



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com