Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2121IPW Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2121IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2121IPW Datasheet(HTML) 17 Page - Texas Instruments

Back Button MSP430F2121IPW Datasheet HTML 13Page - Texas Instruments MSP430F2121IPW Datasheet HTML 14Page - Texas Instruments MSP430F2121IPW Datasheet HTML 15Page - Texas Instruments MSP430F2121IPW Datasheet HTML 16Page - Texas Instruments MSP430F2121IPW Datasheet HTML 17Page - Texas Instruments MSP430F2121IPW Datasheet HTML 18Page - Texas Instruments MSP430F2121IPW Datasheet HTML 19Page - Texas Instruments MSP430F2121IPW Datasheet HTML 20Page - Texas Instruments MSP430F2121IPW Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 62 page
background image
MSP430x21x1
MIXED SIGNAL MICROCONTROLLER
SLAS439C − SEPTEMBER 2004 − REVISED JULY 2006
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
outputs − Ports P1 and P2
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
I(OHmax) = −1.5 mA (see Note 1)
2.2 V
VCC−0.25
VCC
VOH
High-level output
I(OHmax) = −6 mA (see Note 2)
2.2 V
VCC−0.6
VCC
V
VOH
High-level output
voltage
I(OHmax) = −1.5 mA (see Note 1)
3 V
VCC−0.25
VCC
V
voltage
I(OHmax) = −6 mA (see Note 2)
3 V
VCC−0.6
VCC
I(OLmax) = 1.5 mA (see Note 1)
2.2 V
VSS
VSS+0.25
VOL
Low-level output
I(OLmax) = 6 mA (see Note 2)
2.2 V
VSS
VSS+0.6
V
VOL
Low-level output
voltage
I(OLmax) = 1.5 mA (see Note 1)
3 V
VSS
VSS+0.25
V
I(OLmax) = 6 mA (see Note 2)
3 V
VSS
VSS+0.6
NOTES:
1. The maximum total current, IOHmax and IOLmax, for all outputs combined, should not exceed ±12 mA to hold the maximum
voltage drop specified.
2. The maximum total current, IOHmax and IOLmax, for all outputs combined, should not exceed ±48 mA to hold the maximum
voltage drop specified.
output frequency − Ports P1 and P2
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fPx.y
Port output frequency
P1.4/SMCLK, CL = 20 pF, RL = 1 kOhm
2.2 V
10
MHz
fPx.y
Port output frequency
(with load)
P1.4/SMCLK, CL = 20 pF, RL = 1 kOhm
(see Note 1 and 2)
3 V
12
MHz
fPort_CLK
Clock output frequency
P2.0/ACLK, P1.4/SMCLK, CL = 20 pF
2.2 V
12
MHz
fPort_CLK
Clock output frequency
P2.0/ACLK, P1.4/SMCLK, CL = 20 pF
(see Note 2)
3 V
16
MHz
NOTES:
1. A resistive divider with 2 times 0.5 k
W between VCC and VSS is used as load. The output is connected to the center tap of the divider.
2. The output voltage reaches at least 10% and 90% VCC at the specified toggle frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com