Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2575 Datasheet(PDF) 24 Page - ON Semiconductor

Part # LM2575
Description  1.0 A, Adjustable Output Voltage, Step?묭own Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2575 Datasheet(HTML) 24 Page - ON Semiconductor

Back Button LM2575 Datasheet HTML 20Page - ON Semiconductor LM2575 Datasheet HTML 21Page - ON Semiconductor LM2575 Datasheet HTML 22Page - ON Semiconductor LM2575 Datasheet HTML 23Page - ON Semiconductor LM2575 Datasheet HTML 24Page - ON Semiconductor LM2575 Datasheet HTML 25Page - ON Semiconductor LM2575 Datasheet HTML 26Page - ON Semiconductor LM2575 Datasheet HTML 27Page - ON Semiconductor LM2575 Datasheet HTML 28Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LM2575
http://onsemi.com
24
ORDERING INFORMATION
Device
Nominal
Output Voltage
Operating
Temperature Range
Package
Shipping†
LM2575TV−ADJ
1.23 V to 37 V
TJ = −40° to +125°C
TO−220 (Vertical Mount)
50 Units/Rail
LM2575TV−ADJG
TO−220 (Vertical Mount)
(Pb−Free)
LM2575T−ADJ
TO−220 (Straight Lead)
LM2575T−ADJG
TO−220 (Straight Lead)
(Pb−Free)
LM2575D2T−ADJ
D2PAK (Surface Mount)
LM2575D2T−ADJG
D2PAK (Surface Mount)
(Pb−Free)
LM2575D2T−ADJR4
D2PAK (Surface Mount)
800 Tape & Reel
LM2575D2T−ADJR4G
D2PAK (Surface Mount)
(Pb−Free)
LM2575TV−3.3
3.3 V
TJ = −40° to +125°C
TO−220 (Vertical Mount)
50 Units/Rail
LM2575TV−3.3G
TO−220 (Vertical Mount)
(Pb−Free)
LM2575T−3.3
TO−220 (Straight Lead)
LM2575T−3.3G
TO−220 (Straight Lead)
(Pb−Free)
LM2575D2T−3.3
D2PAK (Surface Mount)
LM2575D2T−3.3G
D2PAK (Surface Mount)
(Pb−Free)
LM2575D2T−3.3R4
D2PAK (Surface Mount)
800 Tape & Reel
LM2575D2T−3.3R4G
D2PAK (Surface Mount)
(Pb−Free)
LM2575TV−005
5.0 V
TJ = −40° to +125°C
TO−220 (Vertical Mount)
50 Units/Rail
LM2575TV−005G
TO−220 (Vertical Mount)
(Pb−Free)
LM2575T−005
TO−220 (Straight Lead)
LM2575T−005G
TO−220 (Straight Lead)
(Pb−Free)
LM2575D2T−005
D2PAK (Surface Mount)
LM2575D2T−005G
D2PAK (Surface Mount)
(Pb−Free)
LM2575D2T−5R4
D2PAK (Surface Mount)
800 Tape & Reel
LM2575D2T−5R4G
D2PAK (Surface Mount)
(Pb−Free)
LM2575TV−012
12 V
TJ = −40° to +125°C
TO−220 (Vertical Mount)
50 Units/Rail
LM2575TV−012G
TO−220 (Vertical Mount)
(Pb−Free)
LM2575T−012
TO−220 (Straight Lead)
LM2575T−012G
TO−220 (Straight Lead)
(Pb−Free)
LM2575D2T−012
D2PAK (Surface Mount)
LM2575D2T−012G
D2PAK (Surface Mount)
(Pb−Free)
LM2575D2T−12R4
D2PAK (Surface Mount)
800 Tape & Reel
LM2575D2T−12R4G
D2PAK (Surface Mount)
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com