Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M25P16 Datasheet(PDF) 53 Page - STMicroelectronics

Part # M25P16
Description  16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button M25P16_07 Datasheet HTML 47Page - STMicroelectronics M25P16_07 Datasheet HTML 48Page - STMicroelectronics M25P16_07 Datasheet HTML 49Page - STMicroelectronics M25P16_07 Datasheet HTML 50Page - STMicroelectronics M25P16_07 Datasheet HTML 51Page - STMicroelectronics M25P16_07 Datasheet HTML 52Page - STMicroelectronics M25P16_07 Datasheet HTML 53Page - STMicroelectronics M25P16_07 Datasheet HTML 54Page - STMicroelectronics M25P16_07 Datasheet HTML 55Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 53 / 55 page
background image
M25P16
Revision history
53/55
13
Revision history
Table 24.
Document revision history
Date
Revision
Changes
16-Jan-2002
0.1
Target Specification Document written
23-Apr-2002
0.4
Clarification of descriptions of entering Stand-by Power mode from Deep
Power-down mode, and of terminating an instruction sequence or data-
out sequence.
ICC2(max) value changed to 10µA
13-Dec-2002
0.5
Typical Page Program time improved. Write Protect setup and hold times
specified, for applications that switch Write Protect to exit the Hardware
Protection mode immediately before a WRSR, and to enter the Hardware
Protection mode again immediately after
15-May-2003
0.6
MLP8 package added
0.7
50MHz operation, and RDID instruction added. Published internally, only
20-Jun-2003
0.8
8x6 MLP8 and SO16(300 mil) packages added
24-Sep-2003
1.0
tPP, tSE and tBE revised. SO16 package code changed. Output Timing
Reference Voltage changed. Document promoted to Preliminary Data.
24-Nov-2003
2.0
Table of contents, warning about exposed paddle on MLP8, and Pb-free
options added.
Value of tVSL(min) and tBE(typ) changed. Change of naming for VDFPN8
packages. Document promoted to full Datasheet.
17-May-2004
3.0
MLP8(5x6) package removed. Soldering temperature information
clarified for RoHS compliant devices. Device Grade clarified
01-Apr-2005
4.0
Notes 1 and 2 removed from Table 23: Ordering information scheme.
Small text changes.
Read Identification (RDID), Deep Power-down (DP) and Release from
Deep Power-down and Read Electronic Signature (RES) instructions,
and Active Power, Stand-by Power and Deep Power-Down modes
paragraph clarified.
01-Aug-2005
5.0
Updated Page Program (PP) instructions in Page programming, Page
Program (PP) and Table 15: AC characteristics (Grade 6).
20-Oct-2005
6.0
VFQFPN8 package added (see Figure 27: VFQFPN8 (MLP8) 8-lead Very
thin Fine Pitch Quad Flat Package No lead, 6 × 5 mm, package outline
and Table 18: VFQFPN8 (MLP8) 8-lead Very thin Fine Pitch Quad Flat
Package No lead, 6 × 5 mm, package mechanical data).
All packages are ECOPACK®. “Blank” option removed under Plating
Technology.
27-Feb-2006
7
SO8 Narrow and SO8 Wide packages added (see Section 11: Package
mechanical). VDFPN8 package updated (see Table 19: VDFPN8 (MLP8)
8-lead Very thin Dual Flat Package No lead, 8 × 6mm, package
mechanical data). Note 1 added to Table 23: Ordering information
scheme.
04-Jul-2006
8
Figure 4: Bus master and memory devices on the SPI bus updated and
Note 2 added. SO8N package specifications updated (see Figure 29 and
Table 20). Small text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com