Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM393PT Datasheet(PDF) 2 Page - STMicroelectronics

Part # LM393PT
Description  Low Power Dual Voltage Comparators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM393PT Datasheet(HTML) 2 Page - STMicroelectronics

  LM393PT Datasheet HTML 1Page - STMicroelectronics LM393PT Datasheet HTML 2Page - STMicroelectronics LM393PT Datasheet HTML 3Page - STMicroelectronics LM393PT Datasheet HTML 4Page - STMicroelectronics LM393PT Datasheet HTML 5Page - STMicroelectronics LM393PT Datasheet HTML 6Page - STMicroelectronics LM393PT Datasheet HTML 7Page - STMicroelectronics LM393PT Datasheet HTML 8Page - STMicroelectronics LM393PT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Order Codes
LM193, LM193A, LM293, LM293A, LM393, LM393A
2/15
1
Order Codes
Part Number
Temperature
Range
Package
Packing
Marking
LM193AD/LM193ADT
-55°C, +125°C
SO-8
Tube or Tape & Reel
LM193AN
DIP8
Tube
LM193D/LM193DT
SO-8
Tube or Tape & Reel
LM193N
DIP8
Tube
LM293AD/LM293ADT
-40°C, +105°C
SO-8
Tube or Tape & Reel
LM293AN
DIP8
Tube
LM293D/LM293DT
SO-8
Tube or Tape & Reel
LM293N
DIP8
Tube
LM293PT
TSSOP8
(Thin Shrink Outline
Package)
Tape & Reel
LM293ST
Mini SO-8
Tape & Reel
LM393AD/LM393ADT
0°C, +70°C
SO-8
Tube or Tape & Reel
LM393D/LM393DT
SO-8
Tube or Tape & Reel
LM393N
DIP8
Tube
LM393PT
TSSOP8
(Thin Shrink Outline
Package)
Tape & Reel
LM393ST
Mini SO-8
Tape & Reel
LM393YDT/YD
-40°C, +125°C
SO-8 (automotive
grade level)
Tube or Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com