Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FST3126DR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74FST3126DR2
Description  4?묪it Bus Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74FST3126DR2 Datasheet(HTML) 1 Page - ON Semiconductor

  74FST3126DR2 Datasheet HTML 1Page - ON Semiconductor 74FST3126DR2 Datasheet HTML 2Page - ON Semiconductor 74FST3126DR2 Datasheet HTML 3Page - ON Semiconductor 74FST3126DR2 Datasheet HTML 4Page - ON Semiconductor 74FST3126DR2 Datasheet HTML 5Page - ON Semiconductor 74FST3126DR2 Datasheet HTML 6Page - ON Semiconductor 74FST3126DR2 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 2
1
Publication Order Number:
74FST3126/D
74FST3126
4−Bit Bus Switch
The ON Semiconductor 74FST3126 is a quad, high performance
switch. The device is CMOS TTL compatible when operating between
4 and 5.5 Volts. The device exhibits extremely low RON and adds
nearly zero propagation delay. The device adds no noise or ground
bounce to the system.
The device consists of four independent 1−bit switches with
separate Output/Enable (OE) pins. Port A is connected to Port B when
OE is high. If OE is low, the switch is high Z.
Features
• RON t 4 W Typical
• Less Than 0.25 ns−Max Delay Through Switch
• Nearly Zero Standby Current
• No Circuit Bounce
• Control Inputs are TTL/CMOS Compatible
• Pin−For−Pin Compatible With QS3126, FST3126, CBT3126
• All Popular Packages: QSOP−16, TSSOP−14, SOIC−14
• All Devices in Package TSSOP are Inherently Pb−Free*
OE1
OE2
GND
2B
2A
1B
1A
VCC
4B
3B
3A
OE3
4A
OE4
NC
1B
2B
2A
OE2
1A
OE1
VCC
4B
3B
3A
OE3
4A
OE4
GND
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1
2
3
4
5
6
7
16
15
14
13
12
11
10
89
Figure 1. Pin Assignment for
SOIC and TSSOP
Figure 2. Pin Assignment
for QSOP
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Description
PIN NAMES
OE1, OE2, OE3, OE4
1A, 2A, 3A, 4A
A
=
Assembly
Location
L, WL
=
Wafer Lot
Y
=
Year
W, WW =
Work
Week
TSSOP−14
DT SUFFIX
CASE 948G
14
1
QSOP−16
QS SUFFIX
CASE 492
SOIC−14
D SUFFIX
CASE 751A
14
1
FST
3126
ALYW
FST3126
AWLYWW
14
1
MARKING
DIAGRAMS
S3126
ALYW
16
1
Pin
Bus Switch Enables
Bus A
1B, 2B, 3B, 4B
Bus B
NC
Not Connected
16
1
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
1
14
http://onsemi.com


Similar Part No. - 74FST3126DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74FST3126DR2 ONSEMI-74FST3126DR2 Datasheet
80Kb / 8P
4-Bit Bus Switch
August, 2001 ??Rev. 0
More results

Similar Description - 74FST3126DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74FST3245 ONSEMI-74FST3245_06 Datasheet
189Kb / 6P
8?묪it Bus Switch
June, 2006 ??Rev. 2
74FST3125 ONSEMI-74FST3125_06 Datasheet
196Kb / 7P
4?묪it Bus Switch
June, 2006 ??Rev. 3
74FST3244 ONSEMI-74FST3244_06 Datasheet
199Kb / 7P
8?묪it Bus Switch
June, 2006 ??Rev. 2
74FST3345 ONSEMI-74FST3345_06 Datasheet
189Kb / 6P
8?묪it Bus Switch
June, 2006 ??Rev. 2
74FST3384 ONSEMI-74FST3384_06 Datasheet
211Kb / 8P
10?묪it Low Power Bus Switch
June, 2006 ??Rev. 6
74FST3400 ONSEMI-74FST3400_06 Datasheet
203Kb / 8P
4?묪it, 4?뭁ort Bus Exchange Switch
December, 2006 ??Rev. 7
74FST3861 ONSEMI-74FST3861 Datasheet
193Kb / 6P
10?묪it Bus Switch
June, 2006 ??Rev. 6
74FST6800 ONSEMI-74FST6800 Datasheet
194Kb / 6P
10?묪it Bus Switch with Precharged Outputs
June, 2006 ??Rev. 6
MC10H680 ONSEMI-MC10H680_06 Datasheet
137Kb / 10P
4?묪it Differential ECL Bus to TTL Bus Transceiver
November, 2006 ??Rev. 11
MC14598B ONSEMI-MC14598B_06 Datasheet
74Kb / 6P
8?묪it Bus?묬ompatible Latches
June, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com