Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM293D Datasheet(PDF) 14 Page - STMicroelectronics

Part # LM293D
Description  Low Power Dual Voltage Comparators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM293D Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LM293D Datasheet HTML 7Page - STMicroelectronics LM293D Datasheet HTML 8Page - STMicroelectronics LM293D Datasheet HTML 9Page - STMicroelectronics LM293D Datasheet HTML 10Page - STMicroelectronics LM293D Datasheet HTML 11Page - STMicroelectronics LM293D Datasheet HTML 12Page - STMicroelectronics LM293D Datasheet HTML 13Page - STMicroelectronics LM293D Datasheet HTML 14Page - STMicroelectronics LM293D Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Revision History
LM193, LM193A, LM293, LM293A, LM393, LM393A
14/15
6
Revision History
Table 4.
Document revision history
Date
Revision
Changes
July 2002
1
First Release
Jan. 2005
2
Class A of the product included in the datasheet.
May 2005
3
PPAP references inserted in the datasheet see
Table 1 on
page 2.
July 2005
4
Modification on PPAP references - Errors on part numbers see
Table 1 on page 2.
Nov. 2005
5
Modification on
Table 3 on page 5. LM293,A must be -
40/+105°C instead of -40/+125°C.
Feb. 2006
6
Unit error for Vol parameter see
Table 3 on page 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com