Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC29371 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC29371
Description  750mA Low-Dropout Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29371 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC29371 Datasheet HTML 1Page - Micrel Semiconductor MIC29371 Datasheet HTML 2Page - Micrel Semiconductor MIC29371 Datasheet HTML 3Page - Micrel Semiconductor MIC29371 Datasheet HTML 4Page - Micrel Semiconductor MIC29371 Datasheet HTML 5Page - Micrel Semiconductor MIC29371 Datasheet HTML 6Page - Micrel Semiconductor MIC29371 Datasheet HTML 7Page - Micrel Semiconductor MIC29371 Datasheet HTML 8Page - Micrel Semiconductor MIC29371 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC2937A/29371/29372
Micrel, Inc.
MIC2937A/29371/29372
2
May 2006
Ordering Information
Part Number
Voltage
Junction Temp. Range
Package
Standard
RoHS Compliant*
MIC2937A-3.3BU
MIC2937A-3.3WU
3.3V
–40ºC to +125ºC
TO-263-3
MIC2937A-3.3BT
MIC2937A-3.3WT
3.3V
–40ºC to +125ºC
TO-220-3
MIC2937A-5.0BU
MIC2937A-5.0WU
5.0V
–40ºC to +125ºC
TO-263-3
MIC2937A-5.0BT
MIC2937A-5.0WT
5.0V
–40ºC to +125ºC
TO-220-3
MIC2937A-12BU
MIC2937A-12WU
12V
–40ºC to +125ºC
TO-263-3
MIC2937A-12BT
MIC2937A-12WT
12V
–40ºC to +125ºC
TO-220-3
MIC29371-3.3BU
MIC29371-3.3WU
3.3V
–40ºC to +125ºC
TO-263-5
MIC29371-3.3BT
MIC29371-3.3WT
3.3V
–40ºC to +125ºC
TO-220-5
MIC29371-5.0BU
MIC29371-5.0WU
5.0V
–40ºC to +125ºC
TO-263-5
MIC29371-5.0BT
MIC29371-5.0WT
5.0V
–40ºC to +125ºC
TO-220-5
MIC29371-12BU
MIC29371-12WU
12V
–40ºC to +125ºC
TO-263-5
MIC29371-12BT
MIC29371-12WT
12V
–40ºC to +125ºC
TO-220-5
MIC29372BU
MIC29372WU
ADJ
–40ºC to +125ºC
TO-263-5
MIC29372BT
MIC29372WT
ADJ
–40ºC to +125ºC
TO-220-5
* RoHS compliant with ‘high-melting solder’ exemption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com