Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5116 Datasheet(PDF) 18 Page - ams AG

Part # AS5116
Description  On-Axis Magnetic Position Sensor with Analog Sine-Cosine Outputs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5116 Datasheet(HTML) 18 Page - ams AG

Back Button AS5116 Datasheet HTML 14Page - ams AG AS5116 Datasheet HTML 15Page - ams AG AS5116 Datasheet HTML 16Page - ams AG AS5116 Datasheet HTML 17Page - ams AG AS5116 Datasheet HTML 18Page - ams AG AS5116 Datasheet HTML 19Page - ams AG AS5116 Datasheet HTML 20Page - ams AG AS5116 Datasheet HTML 21Page - ams AG AS5116 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Document Feedback
AS5116
Digital Interface
– UART
Datasheet
• PUBLIC
DS000686
• v4-00 • 2022-Feb-18
34
│ 18
7.1.2
P2RAM_CONTROL Register
– 0x03
The P2RAM_CONTROL Register handles all processes in combination with the OTP memory.
Description of OTP related commands and definition of the programming flow chart is given in section
Configuration and Programming.
Figure 19:
P2RAM_CONTROL Register
Bit Position
Bit Name
Default
Description
0:1
State
0
P2RAM state
2
LOAD
0
Load latch from fuse array
3
BURN
0
Burn command to permanently store setting within
OTP memory
6
GLOAD
Enabled guard band mode to check burn quality
7.1.3
CONFIG1 Register
– 0x16
In CONFIG1 Register includes several possible configurations of the sensor outputs, like common
mode level and pin configuration
Figure 20:
CONFIG1 Register
Bit Position
Bit Name
Default
Description
0:2
n.a.
0
Not applicable
3
VCM_Level
0
Output common mode level
(0: VCM = 1.375 V, 1: VCM =2.125 V)
4
n.a.
0
Not applicable
5
CM_COS
0
Defines the output function of pin 7
(0: COSN, 1: CM_COS)
6
CM_SIN
0
Defines the output function of pin 2
(0: SINN, 1: CM_SIN)
7
INVERT_CH
0
Inverts the sign of the output channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com