Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX8211 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMUX8211
Description  TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX8211 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMUX8211 Datasheet HTML 2Page - Texas Instruments TMUX8211 Datasheet HTML 3Page - Texas Instruments TMUX8211 Datasheet HTML 4Page - Texas Instruments TMUX8211 Datasheet HTML 5Page - Texas Instruments TMUX8211 Datasheet HTML 6Page - Texas Instruments TMUX8211 Datasheet HTML 7Page - Texas Instruments TMUX8211 Datasheet HTML 8Page - Texas Instruments TMUX8211 Datasheet HTML 9Page - Texas Instruments TMUX8211 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
7.6 Thermal Information
THERMAL METRIC(1)
TMUX821x
TMUX821x
UNIT
PW (TSSOP)
RUM (WQFN)
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
96.0
41.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
26.8
25.3
°C/W
RθJB
Junction-to-board thermal resistance
42.7
16.0
°C/W
ΨJT
Junction-to-top characterization parameter
1.2
0.3
°C/W
ΨJB
Junction-to-board characterization parameter
42.0
16.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
3.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.7 Electrical Characteristics (Global): TMUX821x Devices
over operating free-air temperature range (unless otherwise noted)
typical at VDD = +36 V, VSS = –36 V, GND = 0 V and TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
LOGIC INPUTS
VIH
Logic voltage high
–40°C to +125°C
1.3
48
V
VIL
Logic voltage low
–40°C to +125°C
0
0.8
V
IIH
Input leakage current
Logic inputs = 0 V, 5 V, or 48 V
–40°C to +125°C
0.4
3.8
µA
IIL
Input leakage current
Logic inputs = 0 V, 5 V, or 48 V
–40°C to +125°C
–0.2 –0.005
µA
CIN
Logic input capacitance
–40°C to +125°C
3
pF
POWER SUPPLY
IDD
VDD supply current
Logic inputs = 0 V, 5 V, or 48 V
25°C
350
800
µA
–40°C to +85°C
800
µA
–40°C to +125°C
900
µA
ISS
VSS supply current
Logic inputs = 0 V, 5 V, or 48 V
25°C
350
800
µA
–40°C to +85°C
800
µA
–40°C to +125°C
900
µA
TMUX8211, TMUX8212, TMUX8213
SCDS434B – OCTOBER 2021 – REVISED MARCH 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX8211 TMUX8212 TMUX8213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com