Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS209A Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS209A
Description  Proximity Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS209A Datasheet(HTML) 3 Page - ON Semiconductor

  CS209A Datasheet HTML 1Page - ON Semiconductor CS209A Datasheet HTML 2Page - ON Semiconductor CS209A Datasheet HTML 3Page - ON Semiconductor CS209A Datasheet HTML 4Page - ON Semiconductor CS209A Datasheet HTML 5Page - ON Semiconductor CS209A Datasheet HTML 6Page - ON Semiconductor CS209A Datasheet HTML 7Page - ON Semiconductor CS209A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CS209A
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS: (−40°C ≤ TA ≤ +125°C, unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Supply Current ICC
VCC = 4.0 V
VCC = 12 V
VCC = 24 V
3.5
6.0
11.0
6.0
11.6
20
mA
mA
mA
TANK Current
VCC = 20 V
−550
−300
−100
μA
Demodulator Charge Current
VCC = 20 V
−60
−30
−10
μA
Output Leakage Current
VCC = 24 V
0.01
10
μA
Output VSAT
VCC = 4.0 V, IS = 20 mA
VCC = 24 V, IS = 100 mA
60
200
200
500
mV
mV
Oscillator Bias
VCC = 20 V
1.1
1.9
2.5
V
Feedback Bias
VCC = 20 V
1.1
1.9
2.5
V
OSC − RF Bias
VCC = 20 V
−250
100
550
mV
Protect Voltage
ITANK = −10 mA
−10
−8.9
−7.0
V
Detect Threshold
720
1440
1950
mV
Release Threshold
550
1200
1700
mV
PACKAGE PIN DESCRIPTION
PACKAGE PIN #
PIN SYMBOL
FUNCTION
DIP−8 & SO−8SO−14
1
1
OSC
Adjustable feedback resistor connected between OSC and RF sets detection range.
2
2
TANK
Connects to parallel tank circuit.
3
3
GND
Ground connection.
4
4
OUT1
Complementary open collector output; when OUT1 = LOW, metal is present.
5
6
OUT2
Complementary open collector output; when OUT2 = HIGH, metal is present.
6
10
DEMOD
Input to comparator controlling OUT1 and OUT2.
7
12
VCC
Supply voltage.
8
13
RF
Adjustable feedback resistor connected between OSC and RF set detection range.
5, 7, 8, 9, 11, 14
NC
No connection.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com