Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS2841B Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS2841B
Description  Automotive Current Mode PWM Control Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS2841B Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CS2841B Datasheet HTML 2Page - ON Semiconductor CS2841B Datasheet HTML 3Page - ON Semiconductor CS2841B Datasheet HTML 4Page - ON Semiconductor CS2841B Datasheet HTML 5Page - ON Semiconductor CS2841B Datasheet HTML 6Page - ON Semiconductor CS2841B Datasheet HTML 7Page - ON Semiconductor CS2841B Datasheet HTML 8Page - ON Semiconductor CS2841B Datasheet HTML 9Page - ON Semiconductor CS2841B Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CS2841B
http://onsemi.com
7
tc + RTCT ln
VREF * Vlower
VREF * Vupper
td + RTCT ln
VREF * IdRT * Vupper
VREF * IdRT * Vlower
Substituting in typical values for the parameters in the
above formulas:
VREF + 5.0 V
Vupper + 2.7 V
Vlower + 1.0 V
Id + 8.3 mA
tc [ 0.5534RTCT
td + RTCT ln
2.3
* 0.0083RT
4.0
* 0.0083RT
The frequency and maximum duty cycle can be
determined from the Typical Performance Characteristic
graphs.
Grounding
High peak currents associated with capacitive loads
necessitate careful grounding techniques. Timing and
bypass capacitors should be connected close to GND pin in
a single point ground.
The transistor and 5.0 k
W potentiometer are used to
sample the oscillator waveform and apply an adjustable
ramp to Sense.
C8
VC
C10
0.1
mF
10
mF
0.1
mF
C9
C13
4.7 nF
OSC
VREF
VCC
PVCC
VOUT
SENSE
COMP
VFB
GND
PGND
R8
4.99 k
1.0 %
C14
47 pF
R7
22.1 k
C11
0.33
mF
R6
1.0 k
R4
10
C12
10 nF
R3
4.99 k
1.0 %
MTDISN06VTL4
R9
0.2
1.0 %
Q2
VPR
GND
Q1
2n4401
DZ1
13 V
1N5243B
R1
4.7 k
C1
68
mF
68
mF
C2
C3
4.7 pF
100 V
MURS120T3
D1
R2
47
VCC
VCC−GND
0.1
mF
C7
1000
mF
C5
1000
mF
C6
C4
0.1
mF
D2 MBR360
L1 2.2
mH
9T
VCC = 5.0 V @ 750 mA
R5
2.0 k
CS2841B
20T
Figure 8. Flyback Application



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com