Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS209AYD14 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS209AYD14
Description  Proximity Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS209AYD14 Datasheet(HTML) 1 Page - ON Semiconductor

  CS209AYD14 Datasheet HTML 1Page - ON Semiconductor CS209AYD14 Datasheet HTML 2Page - ON Semiconductor CS209AYD14 Datasheet HTML 3Page - ON Semiconductor CS209AYD14 Datasheet HTML 4Page - ON Semiconductor CS209AYD14 Datasheet HTML 5Page - ON Semiconductor CS209AYD14 Datasheet HTML 6Page - ON Semiconductor CS209AYD14 Datasheet HTML 7Page - ON Semiconductor CS209AYD14 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 3
1
Publication Order Number:
CS209A/D
CS209A
Proximity Detector
The CS209A is a bipolar monolithic integrated circuit for use in
metal detection/proximity sensing applications. The IC (see Figure 1)
contains two on−chip current regulators, oscillator and low−level
feedback circuitry, peak detection/demodulation circuit, a comparator
and two complementary output stages.
The oscillator, along with an external LC network, provides
controlled oscillations where amplitude is highly dependent on the Q
of the LC tank. During low Q conditions, a variable low−level
feedback circuit provides drive to maintain oscillation. The peak
demodulator senses the negative portion of the oscillator envelope and
provides a demodulated waveform as input to the comparator. The
comparator sets the states of the complementary outputs by comparing
the input from the demodulator to an internal reference. External loads
are required for the output pins.
A transient suppression circuit is included to absorb negative
transients at the tank circuit terminal.
Features
Separate Current Regulator for Oscillator
Negative Transient Suppression
Variable Low−Level Feedback
Improved Performance Over Temperature
6.0 mA Supply Current Consumption at VCC = 12 V
Output Current Sink Capability
20 mA at 4.0 VCC
100 mA at 24 VCC
http://onsemi.com
SO−14
D SUFFIX
CASE 751A
1
14
1
8
DIP−8
N SUFFIX
CASE 626
1
8
SO−8
D SUFFIX
CASE 751
1
CS209A
AWLYWW
14
MARKING
DIAGRAMS
1
8
CS209A
AWL
YYWW
1
209A
ALYWX
8
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
Device
Package
Shipping
ORDERING INFORMATION
CS209AYN8
DIP−8
50 Units/Rail
CS209AYD8
SO−8
95 Units/Rail
CS209AYDR8
SO−8
2500 Tape & Reel
CS209AYD14
SO−14
55 Units/Rail
CS209AYDR14
SO−14
2500 Tape & Reel


Similar Part No. - CS209AYD14

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS209AYD14 CHERRY-CS209AYD14 Datasheet
166Kb / 6P
Proximity Detector
Rev. 3/11/99
More results

Similar Description - CS209AYD14

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS209A CHERRY-CS209A Datasheet
166Kb / 6P
Proximity Detector
Rev. 3/11/99
logo
ams AG
TMD2671 AMSCO-TMD2671 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
TMD2672 AMSCO-TMD2672 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
TSL2671 AMSCO-TSL2671 Datasheet
725Kb / 27P
DIGITAL PROXIMITY DETECTOR
TSL2672 AMSCO-TSL2672 Datasheet
749Kb / 31P
DIGITAL PROXIMITY DETECTOR
TMD26721 AMSCO-TMD26721 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
logo
TEXAS ADVANCED OPTOELEC...
TMD26713 TAOS-TMD26713 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
TMD26723 TAOS-TMD26723 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
logo
Silicon Laboratories
SI1102 SILABS-SI1102 Datasheet
139Kb / 16P
OPTICAL PROXIMITY DETECTOR
logo
ams AG
TSL26721 AMSCO-TSL26721 Datasheet
750Kb / 46P
Digital Proximity Detector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com