Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B13007D Datasheet(PDF) 1 Page - STMicroelectronics

Part # B13007D
Description  High voltage fast-switching NPN power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

B13007D Datasheet(HTML) 1 Page - STMicroelectronics

  B13007D Datasheet HTML 1Page - STMicroelectronics B13007D Datasheet HTML 2Page - STMicroelectronics B13007D Datasheet HTML 3Page - STMicroelectronics B13007D Datasheet HTML 4Page - STMicroelectronics B13007D Datasheet HTML 5Page - STMicroelectronics B13007D Datasheet HTML 6Page - STMicroelectronics B13007D Datasheet HTML 7Page - STMicroelectronics B13007D Datasheet HTML 8Page - STMicroelectronics B13007D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
June 2006
Rev 1
1/10
10
Order codes
Part Number
Marking
Package
Packing
STB13007DT4
B13007D
D2PAK
Tape & Reel
STB13007DT4
High voltage fast-switching NPN power transistor
General features
■
Improved specification: Lower leakage current,
Tighter gain range, DC current gain
preselection, Tighter storage time range
■
High voltage capability
■
Integrated free-wheeling diode
■
Low spread of dynamic parameters
■
Minimum lot-to-lot spread for reliable operation
■
Very high switching speed
■
Fully characterized at 125 °C
■
Large RBSOA
■
In compliance with the 2002/93/EC European
Directive
Description
The device is manufactured using high voltage
Multi-Epitaxial
Planar
technology
for
high
switching speeds and medium voltage capability.
It uses a Cellular Emitter structure to enhance
switching speeds.
Applications
■
Electronic transformers for halogen lamps
■
Switch mode power supplies
Internal schematic diagram
D2PAK
(T0-263)
1
3
www.st.com


Similar Part No. - B13007D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B130 DIODES-B130 Datasheet
57Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
logo
Fuji Electric
B130 FUJI-B130 Datasheet
648Kb / 1P
1 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
B130 WEITRON-B130 Datasheet
213Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Monolithic Power System...
B130 MPS-B130 Datasheet
326Kb / 11P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
logo
Galaxy Semi-Conductor H...
B130 BILIN-B130 Datasheet
70Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - B13007D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL138FP STMICROELECTRONICS-BUL138FP Datasheet
256Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL216 STMICROELECTRONICS-BUL216_01 Datasheet
241Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
BUL804 STMICROELECTRONICS-BUL804_06 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
BUF420AW STMICROELECTRONICS-BUF420AW Datasheet
283Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2002
BUL128 STMICROELECTRONICS-BUL128_01 Datasheet
235Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-2001
BUL7216 STMICROELECTRONICS-BUL7216 Datasheet
180Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Jan-2006
ST8812FP STMICROELECTRONICS-ST8812FP Datasheet
130Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
ST13007D STMICROELECTRONICS-ST13007D Datasheet
215Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
ST13007DFP STMICROELECTRONICS-ST13007DFP Datasheet
222Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
May-2003
STX13005 STMICROELECTRONICS-STX13005_05 Datasheet
260Kb / 9P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
11-Feb-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com