Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5B02 Datasheet(PDF) 3 Page - Analog Devices

Part # 5B02
Description  5B Series 16 Channel Backplane
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5B02 Datasheet(HTML) 3 Page - Analog Devices

  5B02 Datasheet HTML 1Page - Analog Devices 5B02 Datasheet HTML 2Page - Analog Devices 5B02 Datasheet HTML 3Page - Analog Devices 5B02 Datasheet HTML 4Page - Analog Devices 5B02 Datasheet HTML 5Page - Analog Devices 5B02 Datasheet HTML 6Page - Analog Devices 5B02 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
5B02
Rev. 0 | Page 3 of 7
5B02 Specifications
(typical @ +25°C and Vs =+5 V dc Power)
Description
Model 5B02
Number of Channels
16
ISOLATION
Input-to-Output Continuous
Channel-to-Channel Continuous
1500 V rms, Maximum
1500 V rms, Maximum
MECHANICAL DIMENSIONS – with modules
3.5” x 17.4” x 3.2”
(88.9 mm x 442 mm x 81.3 mm)
WEIGHT
11.25 oz. (305 g)
MOUNTING STANDOFFS
7
COLD JUNCTION TEMPERATURE SENSORS
Number provided on backplane
Type
Initial Accuracy @ +25
oC
Accuracy +5
oC to +45oC
16
Model AC1361
+0.5
oC
+0.5
oC (+0.0125oC/oC)
SYSTEM I/O CONNECTOR
Number
Type
1, 26-pin
Amp 746290-6
ADDRESS ENABLE INPUTS
Max Logic “0”
Min Logic “1”
Max Logic “1”
+0.8 V
+2.0 V
+7.0 V
POWER SUPPLY OPTIONS
Voltage; Operating
Voltage; Max Safe Limit – with modules
Current – without modules
Fuse; (F1)
+5 VDC +5%
+6.0 VDC Max.
32mA
4 Ampere Littlefuse © Type 252 004
Environmental
Temperature Range
Rated Performance
-25°C to +85°C
Operating
-40°C to +85°C
Storage
-40°C to +85°C
Relative Humidity, 24 hours
0 to 95% @ +60°C noncondensing



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com