Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVL142AM Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HVL142AM
Description  Silicon Epitaxial Planar Pin Diode for Antenna Switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVL142AM Datasheet(HTML) 3 Page - Renesas Technology Corp

  HVL142AM Datasheet HTML 1Page - Renesas Technology Corp HVL142AM Datasheet HTML 2Page - Renesas Technology Corp HVL142AM Datasheet HTML 3Page - Renesas Technology Corp HVL142AM Datasheet HTML 4Page - Renesas Technology Corp HVL142AM Datasheet HTML 5Page - Renesas Technology Corp HVL142AM Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HVL142AM
Rev.2.00 Jan 19, 2006 page 3 of 5
Main Characteristic
040
10
30
20
50
10
10
1.0
0.1
1.0
f = 1MHz
0
0.2
0.4
0.6
0.8
1.0
10
4
10
3
10
2
10
1
0.1
f = 100MHz
10
11
10
10
10
9
10
8
10
7
10
13
10
12
10
10
10
8
10
6
10
4
10
2
10
12
10
1
10
1
10
0
10
2
10
3
Fig.4 Forward resistance vs. Forward current
Forward current IF
(A)
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
Fig.2 Reverse current vs. Reverse voltage
Reverse voltage VR (V)
Fig.1 Forward current vs. Forward voltage
Forward voltage VF (V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com