Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR8F612X Datasheet(PDF) 39 Page - STMicroelectronics

Part # CR8F612X
Description  16 MHz CR8F 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM,640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, I²C
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CR8F612X Datasheet(HTML) 39 Page - STMicroelectronics

Back Button CR8F612X Datasheet HTML 35Page - STMicroelectronics CR8F612X Datasheet HTML 36Page - STMicroelectronics CR8F612X Datasheet HTML 37Page - STMicroelectronics CR8F612X Datasheet HTML 38Page - STMicroelectronics CR8F612X Datasheet HTML 39Page - STMicroelectronics CR8F612X Datasheet HTML 40Page - STMicroelectronics CR8F612X Datasheet HTML 41Page - STMicroelectronics CR8F612X Datasheet HTML 42Page - STMicroelectronics CR8F612X Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 89 page
background image
CR8F612X
Memory and register map
Doc ID 15590 Rev 1
37/88
00 530C0x
TIM5
cont’d
TIM5_CNTRH
TIM5 counter high
0x00
0x00 530D
TIM5_CNTRL
TIM5 counter low
0x00
0x00 530E
TIM5_PSCR
TIM5 prescaler register
0x00
0x00 530F
TIM5_ARRH
TIM5 auto-reload register high
0xFF
0x00 5310
TIM5_ARRL
TIM5 auto-reload register low
0xFF
0x00 5311
TIM5_CCR1H
TIM5 capture/compare register 1 high
0x00
0x00 5312
TIM5_CCR1L
TIM5 capture/compare register 1 low
0x00
0x00 5313
TIM5_CCR2H
TIM5 capture/compare register 2 high
0x00
0x00 5314
TIM5_CCR2L
TIM5 capture/compare register 2 low
0x00
0x00 5315
TIM5_CCR3H
TIM5 capture/compare register 3 high
0x00
0x00 5316
TIM5_CCR3L
TIM5 capture/compare register 3 low
0x00
0x00 5317
to
0x00 533F
Reserved area (43 bytes)
0x00 5340
TIM6
TIM6_CR1
TIM6 control register 1
0x00
0x00 5341
TIM6_CR2
TIM6 control register 2
0x00
0x00 5342
TIM6_SMCR
TIM6 slave mode control register
0x00
0x00 5343
TIM6_IER
TIM6 interrupt enable register
0x00
0x00 5344
TIM6_SR
TIM6 status register
0x00
0x00 5345
TIM6_EGR
TIM6 event generation register
0x00
0x00 5346
TIM6_CNTR
TIM6 counter
0x00
0x00 5347
TIM6_PSCR
TIM6 prescaler register
0x00
0x00 5348
TIM6_ARR
TIM6 auto-reload register
0xFF
0x00 5349
to
0x00 53DF
Reserved area (153 bytes)
0x00 53E0
to
0x00 53F3
ADC1
ADC _DBxR
ADC data buffer registers
0x00
0x00 53F4
to
0x00 53FF
Reserved area (12 bytes)
Table 12.
General hardware register map (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com