Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSS555C-ID Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # CSS555C-ID
Description  Micropower Timer (with Internal Timing Capacitor)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSS555C-ID Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button CSS555C-ID Datasheet HTML 5Page - List of Unclassifed Manufacturers CSS555C-ID Datasheet HTML 6Page - List of Unclassifed Manufacturers CSS555C-ID Datasheet HTML 7Page - List of Unclassifed Manufacturers CSS555C-ID Datasheet HTML 8Page - List of Unclassifed Manufacturers CSS555C-ID Datasheet HTML 9Page - List of Unclassifed Manufacturers CSS555C-ID Datasheet HTML 10Page - List of Unclassifed Manufacturers CSS555C-ID Datasheet HTML 11Page - List of Unclassifed Manufacturers CSS555C-ID Datasheet HTML 12Page - List of Unclassifed Manufacturers CSS555C-ID Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Custom Silicon Solutions, Inc. ©2009
9
Version 1.1, May 2009
CSS555C
Micropower Timer (with Internal Timing Capacitor)
Supply Current Considerations
The internal supply current used by the CSS555C can be
divided into three main components:
1) ~ 1.8uA constant current (independent of VDD)
2) ~ 6 M
from VDD to GND (0.5uA at VDD = 3V)
3) ~ 0.5uA switching current at VDD = 3V, FOSC = 100KHz
(~ linearly proportional to VDD & FOSC)
To minimize the second component, keep VDD as low as
possible. To minimize the switching current, keep VDD &
FOSC low. (Choose a lower multiplier value so the oscillator
frequency is well below 100 KHz.)
The external current is determined by the values of RA and
RB. They should be as high as practical. (PCB surface
leakage typically limits the value to ≤10M .)
The CSS555C has a “Break-Before-Make” driver for the
OUTPUT signal. This circuit eliminates the large “through
current” that flows directly from VDD to GND during each
output transition.
This significantly reduces the noise
injected into the power supply. The discharge path in the
monostable configuration is another source of transient
current.
(When VTH reaches the upper trip point, the
capacitor is very quickly discharged to GND.) To minimize
this transient current, simply add a resistor (RLIM) in series
with the DISCHARGE pin. (see Figure 18) The value of
RLIM must be low enough to allow the timing capacitor to
completely discharge before the next timing cycle.
A
typical value for RLIM is 1K
to 10K .
Figure 18 – Monostable with RLIM
ESD Protection
All input and output pins include protection devices to
guard against ESD damage. A simplified schematic of the
input protection circuit is shown in Figure 19. The voltage
levels at all pins should be kept between (VSS – 0.3V) and
(VDD +0.3V) to prevent forward biasing the diodes.
Figure 19 – Input Protection Circuit
Internal Timing Capacitor
The internal timing capacitor is a Poly/Poly structure which
has excellent stability over temperature (TC ~ 25 ppm/°C)
and voltage (VC ~ 250 ppm/V). It consists of a fixed 75pF
capacitor (CTIB) and a 0pF to 40pF trim capacitor (CTIA).
Eight EEPROM bits store the trim setting with a step size of
~ 0.16pF. The value is set at final package test, but may
be re-adjusted by the user. (See application note AN555-1
for more details.)
The third capacitor, CS, is the stray
capacitance due to the pad cell, bond wire and package
leadframe. It is typically 5pF.
Figure 20 – Internal 100pF Timing Capacitor
Ordering Information
Part
Number
Package
Description
Shipping
Options
CSS555C-ID
8 pin plastic DIP
50 units / Rail
CSS555C-IS
8 pin plastic SOIC
98 units / Rail
CSS555C-ISTR
8 pin plastic SOIC
2500 units /
Tape & Reel
CSS555C_IW
Die or
Tested Wafers
Contact CSS
for options
CSS555C_DVK
Development Kit
N.A.
Table 6 – Ordering Options
All packaging options use lead free materials. All part
types are rated for operation from -40°C to +85°C.
The default configuration stored in EEPROM is:
Configuration Data =
80HEX
Operating Mode =
Standard 555
Power Setting =
Micro
Voltage Setting =
Standard
Timing Capacitor =
Trimmed to 100pF
Packaged
parts
may
be
ordered
with
alternate
configuration settings. A minimum purchase and/or service
charge may apply. Please contact CSS for details.
Development Kit
The “CSS555C Development Kit” is a PC based system
that allows the user to Read and Program the internal
EEPROM. It includes an easy to use dialog box and serial
interface (USB port required). The circuit card includes
plenty of extra terminals so that most applications can be
built and evaluated quickly and easily.
For more
information, please refer to the development kit’s
instruction manual.
VDD
RA
Trigger
Output
Reset
CT
VDD
Dischg
Thresh
Control
CSS555C
VSS
Trigger
Output
Reset
RLIM
Optional
VTH
VDD
Input/Output
Pin
Input Protection
Diodes
To Internal
Circuits
CTIA
0pF - 40pF
Poly/Poly
Capacitor
8
EETRIM
CTIB
75pF
CS
5pF
THRESHOLD
PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com